Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28HC64B Datasheet (PDF) - ATMEL Corporation

AT28HC64B Datasheet PDF - ATMEL Corporation
Part # AT28HC64B
Download  AT28HC64B Download
File Size   661.45 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection

AT28HC64B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT28HC64B Datasheet PDF - ATMEL Corporation

Part # AT28HC64B
Download  AT28HC64B Click to download

File Size   661.45 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection

AT28HC64B Datasheet (HTML) - ATMEL Corporation


AT28HC64B Product details

Description
The AT28HC64B is a high-performance electrically erasable and programmable read only memory (EEPROM). Its 64K of memory is organized as 8,192 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 55 ns with power dissipation of just 220 mW. When the device is deselected, the CMOS standby current is less than 100µA.

Features
• Fast Read Access Time - 55 ns
• Automatic Page Write Operation
       Internal Address and Data Latches for 64-Bytes
• Fast Write Cycle Times
     Page Write Cycle Time: 10 ms Maximum
     1 to 64-Byte Page Write Operation
• Low Power Dissipation
    40 mA Active Current
    100µA CMOS Standby Current
• Hardware and Software Data Protection
• DATA Polling and Toggle Bit for End of Write Detection
• High Reliability CMOS Technology
     Endurance: 100,000 Cycles
    Data Retention: 10 Years
• Single 5V ±10% Supply
• CMOS and TTL Compatible Inputs and Outputs
• JEDEC Approved Byte-Wide Pinout
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT28HC64B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC64B ATMEL-AT28HC64B Datasheet
341Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B Datasheet
394Kb / 17P
64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B Datasheet
342Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-12JI ATMEL-AT28HC64B-12JI Datasheet
341Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-12JU ATMEL-AT28HC64B-12JU Datasheet
394Kb / 17P
64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
More results


Similar Description - AT28HC64B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28LV64B ATMEL-AT28LV64B Datasheet
484Kb / 9P
64K 8K x 8 Low Voltage CMOS E2PROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com