Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54T-G Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BAT54T-G Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BAT54T-G
Download  BAT54T-G Download
File Size   393.06 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW Surface Mount Schottky Barrier Diode

BAT54T-G Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT54T-G Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BAT54T-G
Download  BAT54T-G Click to download

File Size   393.06 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW Surface Mount Schottky Barrier Diode

BAT54T-G Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BAT54T-G Product details

FEATURES
● Fast switching speed
● Low forward voltage drop
● Surface mount device type
● Moisture sensitivity level: level 1, per J-STD-020
● Compliant to RoHS directive 2011/65/EU and
   in accordance to WEEE 2002/96/EC

APPLICATIONS
● Voltage clamping
● Reverse polarity protection
● High speed switching

MECHANICAL DATA
● Case: SOT-363
● Molding compound meets UL 94 V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 1A whisker test
● Weight: 6.5 ± 0.6 mg (approximately)




Similar Part No. - BAT54T-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54T-7 DIODES-BAT54T-7 Datasheet
176Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 3 - 2
BAT54T-7-F DIODES-BAT54T-7-F Datasheet
362Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 8 - 2
BAT54T-7-F DIODES-BAT54T-7-F Datasheet
89Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 October 2010
BAT54T-7-F DIODES-BAT54T-7-F Datasheet
245Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 13
BAT54T-7-F DIODES-BAT54T-7-F Datasheet
394Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 16
More results


Similar Description - BAT54T-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAT43W TSC-BAT43W Datasheet
162Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
200mW SCHOTTKY BARRIER Diode
BAS70WX MCC-BAS70WX Datasheet
175Kb / 2P
Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_08 Datasheet
162Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAS70 LUGUANG-BAS70 Datasheet
159Kb / 2P
200mW Surface Mount Schottky Barrier Diode
BAT54 LUGUANG-BAT54 Datasheet
187Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT54T TSC-BAT54T_14 Datasheet
155Kb / 5P
200mW Surface Mount Schottky Barrier Diode
BAT54W TSC-BAT54W_14 Datasheet
130Kb / 5P
200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX_13 Datasheet
206Kb / 2P
Surface Mount Schottky Barrier Diode 200mW
logo
Shanghai Shunye Electro...
RB521S-30 SHUNYE-RB521S-30 Datasheet
355Kb / 3P
200mW SOD-523 SURFACE MOUNT Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com