Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5015 Datasheet (PDF) - ITT Industries

5015 Datasheet PDF - ITT Industries
Part # 5015
Download  5015 Download
File Size   645.95 Kbytes
Page   15 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description MIL-C-5015 Connectors

5015 Datasheet (PDF)

Go To PDF Page Download Datasheet
5015 Datasheet PDF - ITT Industries

Part # 5015
Download  5015 Click to download

File Size   645.95 Kbytes
Page   15 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description MIL-C-5015 Connectors

5015 Datasheet (HTML) - ITT Industries




Similar Part No. - 5015

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
Board to Board Connector
logo
Integrated Device Techn...
5015 IDT-5015 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Analog Devices
5015 AD-5015 Datasheet
366Kb / 5P
Evaluating the ADL8142 GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
logo
Infineon Technologies A...
5015 INFINEON-5015 Datasheet
9Mb / 27P
EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
Keystone Electronics Co...
5015 KEYSTONE-5015 Datasheet
679Kb / 1P
SMT TEST POINTS
31-07 20th
More results


Similar Description - 5015

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA3106R20-27PW ITT-CA3106R20-27PW Datasheet
634Kb / 15P
MIL-C-5015 Connectors
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
MIL-C-5015 BULKHEAD RECEPTACLES
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
MIL-C-5015 Bulkhead Receptacles
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
MIL-C-5015 Bulkhead Receptacles
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
MIL-C-5015 Bulkhead Receptacles
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
More results




About ITT Industries


ITT Inc. (formerly ITT Industries) is an American multinational conglomerate that operates in various industries, including aerospace, defense, communications, industrial and consumer products, and transportation. The company was founded in 1920 and is headquartered in White Plains, New York.

ITT operates through several business units, including Connect and Control Technologies, Defense and Information Solutions, Industrial Process, and Motion Technologies. These units offer a broad range of products and services, including connectors, valves, switches, pumps, control systems, electronic components, communications systems, and aerospace components.

ITT's engineering team has extensive experience in developing advanced technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

ITT's products are known for their high quality, reliability, and performance. The company uses advanced technologies and materials to develop products that are efficient, durable, and cost-effective.

Overall, ITT Inc. is a trusted provider of high-quality products and services for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com