Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45D041 Datasheet (PDF) - ATMEL Corporation

AT45D041 Datasheet PDF - ATMEL Corporation
Part # AT45D041
Download  AT45D041 Download
File Size   116.83 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 5-volt Only Serial DataFlash

AT45D041 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45D041 Datasheet PDF - ATMEL Corporation

Part # AT45D041
Download  AT45D041 Click to download

File Size   116.83 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 5-volt Only Serial DataFlash

AT45D041 Datasheet (HTML) - ATMEL Corporation


AT45D041 Product details

Description
The AT45D041 is a 5-volt only, serial interface Flash memory suitable for in-system reprogramming. Its 4,325,376 bits of memory are organized as 2048 pages of 264-bytes each. In addition to the main memory, the AT45D041 also contains two data buffers of 264-bytes each. The buffers allow receiving of data while a page in the main memory is being reprogrammed. Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the DataFlash uses a serial interface to sequentially access its data. The simple serial interface facilitates hardware layout, increases system reliability, minimizes switching noise, and reduces package size and active pin count.

Features
• Single 4.5V - 5.5V Supply
• Serial Interface Architecture
• Page Program Operation
   - Single Cycle Reprogram (Erase and Program)
   - 2048 Pages (264 Bytes/Page) Main Memory
• Two 264-Byte Data Buffers - Allows Receiving of Data while Reprogramming of
   Non-Volatile Memory
• Internal Program and Control Timer
• Fast Page Program Time - 7 ms Typical
• 80 µs Typical Page to Buffer Transfer Time
• Low Power Dissipation
   - 15 mA Active Read Current Typical
   - 20 µA CMOS Standby Current Typical
• 10 MHz Max Clock Frequency
• Hardware Data Protection Feature
• Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3
• CMOS and TTL Compatible Inputs and Outputs
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT45D041

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
4-megabit 5-volt Only Serial DataFlash
AT45D041A-JC ATMEL-AT45D041A-JC Datasheet
397Kb / 28P
4-megabit 5-volt Only Serial DataFlash
AT45D041A-JI ATMEL-AT45D041A-JI Datasheet
397Kb / 28P
4-megabit 5-volt Only Serial DataFlash
AT45D041A-RC ATMEL-AT45D041A-RC Datasheet
397Kb / 28P
4-megabit 5-volt Only Serial DataFlash
AT45D041A-RI ATMEL-AT45D041A-RI Datasheet
397Kb / 28P
4-megabit 5-volt Only Serial DataFlash
More results


Similar Description - AT45D041

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
2-Megabit 5-volt Only Serial DataFlash
AT45D081 ATMEL-AT45D081 Datasheet
115Kb / 16P
8-Megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
16-Megabit 5-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45DB041 ATMEL-AT45DB041 Datasheet
209Kb / 18P
4-Megabit 2.7-volt Only Serial DataFlash
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
2-megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
8-megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161_01 Datasheet
311Kb / 21P
16-megabit 5-volt Only Serial DataFlasH
AT45DB041A ATMEL-AT45DB041A_01 Datasheet
410Kb / 28P
4-megabit 2.5-volt Only Serial DataFlasH
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
4-megabit 5-volt Only Serial DataFlash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com