Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321 Datasheet (PDF) - ATMEL Corporation

AT45DB321 Datasheet PDF - ATMEL Corporation
Part # AT45DB321
Download  AT45DB321 Download
File Size   154.12 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 32-Megabit 2.7-volt Only Serial DataFlash

AT45DB321 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45DB321 Datasheet PDF - ATMEL Corporation

Part # AT45DB321
Download  AT45DB321 Click to download

File Size   154.12 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 32-Megabit 2.7-volt Only Serial DataFlash

AT45DB321 Datasheet (HTML) - ATMEL Corporation


AT45DB321 Product details

Description
The AT45DB321 is a 2.7-volt only, serial-interface Flash memory suitable for in-system reprogramming. Its 34,603,008 bits of memory are organized as 8192 pages of 528 bytes each. In addition to the main memory, the AT45DB321 also contains two SRAM data buffers of 528 bytes each. The buffers allow receiving of data while a page in the main memory is being reprogrammed.

Features
• Single 2.7V - 3.6V Supply
• Serial-interface Architecture
• Page Program Operation
    – Single Cycle Reprogram (Erase and Program)
    – 8192 Pages (528 Bytes/Page) Main Memory
• Optional Page and Block Erase Operations
• Two 528-byte SRAM Data Buffers – Allows Receiving of Data while Reprogramming of Nonvolatile Memory
• Internal Program and Control Timer
• Fast Page Program Time – 7 ms Typical
• 120 µs Typical Page to Buffer Transfer Time
• Low-power Dissipation
    – 4 mA Active Read Current Typical
    – 3 µA CMOS Standby Current Typical
• 13 MHz Max Clock Frequency
• Hardware Data Protection Feature
• Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3
• CMOS and TTL Compatible Inputs and Outputs
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT45DB321

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
84Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DB321B-CC ATMEL-AT45DB321B-CC Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB321B-CI ATMEL-AT45DB321B-CI Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB321B-RC ATMEL-AT45DB321B-RC Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
More results


Similar Description - AT45DB321

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
8-Megabit 2.7-volt Only Serial DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
8-megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
16-megabit 2.7-volt Only Serial DataFlash
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
2-megabit 2.7-volt Only Serial DataFlash
AT26DF321 ATMEL-AT26DF321_06 Datasheet
585Kb / 34P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com