Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1013 Datasheet (PDF) - Linear Integrated Systems

LT1013 Datasheet PDF - Linear Integrated Systems
Part # LT1013
Download  LT1013 Download
File Size   465.39 Kbytes
Page   26 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Single Supply Operation Input Voltage Range Extends to Ground

LT1013 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1013 Datasheet PDF - Linear Integrated Systems

Part # LT1013
Download  LT1013 Click to download

File Size   465.39 Kbytes
Page   26 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Single Supply Operation Input Voltage Range Extends to Ground

LT1013 Datasheet (HTML) - Linear Integrated Systems


LT1013 Product details

DESCRIPTION
The LT ®1014 is the first precision quad operational amplifier which directly upgrades designs in the industry standard 14-pin DIP LM324/LM348/OP-11/4156 pin configuration. It is no longer necessary to compromise specifications, while saving board space and cost, as compared to single operational amplifiers.

FEATURES
■ Single Supply Operation
   Input Voltage Range Extends to Ground
   Output Swings to Ground While Sinking Current
■ Pin Compatible to 1458 and 324 with Precision Specs
■ Guaranteed Offset Voltage: 150µV Max
■ Guaranteed Low Drift: 2µV/°C Max
■ Guaranteed Offset Current: 0.8nA Max
■ Guaranteed High Gain
   5mA Load Current: 1.5 Million Min
   17mA Load Current: 0.8 Million Min
■ Guaranteed Low Supply Current: 500µA Max
■ Low Voltage Noise, 0.1Hz to 10Hz: 0.55µVP-P
■ Low Current Noise—Better than 0P-07, 0.07pA/√Hz

APPLICATIONS
■ Battery-Powered Precision Instrumentation
   Strain Gauge Signal Conditioners
   Thermocouple Amplifiers
   Instrumentation Amplifiers
■ 4mA to 20mA Current Loop Transmitters
■ Multiple Limit Threshold Detection
■ Active Filters
■ Multiple Gain Blocks




Similar Part No. - LT1013

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
Quad Precision Op Amp
logo
Texas Instruments
LT1013 TI-LT1013 Datasheet
546Kb / 30P
DUAL PRECISION OPERATIONAL AMPLIFIERS
LT1013 TI-LT1013 Datasheet
595Kb / 33P
DUAL PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
291Kb / 24P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
LT1013 LINER-LT1013 Datasheet
860Kb / 22P
Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
More results


Similar Description - LT1013

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
logo
Linear Integrated Syste...
LT1014DSW LINEAR-LT1014DSW Datasheet
465Kb / 26P
Single Supply Operation Input Voltage Range Extends to Ground
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
Single Low Voltage Supply Operation
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
Input Voltage Range Includes Ground
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
Operation voltage range
logo
Maxim Integrated Produc...
MAX3580EVKIT MAXIM-MAX3580EVKIT Datasheet
376Kb / 7P
3.1V to 3.5V Single-Supply Operation
Rev 0; 7/07
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
6V to 18V Input Supply Voltage Range
2010
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
Differential Input Voltage Range Equal to Power Supply Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com