Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1461 Datasheet (PDF) - Linear Integrated Systems

LT1461 Datasheet PDF - Linear Integrated Systems
Part # LT1461
Download  LT1461 Download
File Size   105.61 Kbytes
Page   8 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 2.5V Reference

LT1461 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1461 Datasheet PDF - Linear Integrated Systems

Part # LT1461
Download  LT1461 Click to download

File Size   105.61 Kbytes
Page   8 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 2.5V Reference

LT1461 Datasheet (HTML) - Linear Integrated Systems


LT1461 Product details

DESCRIPTION
The LT®1009 is a precision trimmed 2.5V shunt regulator diode featuring a maximum initial tolerance of only ±5mV. The low dynamic impedance and wide operating current range enhances its versatility. The 0.2% reference tolerance is achieved by on-chip trimming which not only minimizes the initial voltage tolerance but also minimizes the temperature drift.

FEATURES
■ Maximum Initial Tolerance: 0.2%
■ Guaranteed Temperature Stability
■ Maximum 0.6Ω Dynamic Impedance
■ Wide Operating Current Range
■ Directly Interchangeable with LM136 for Improved
   Performance
■ No Adjustments Needed for Minimum Temperature
   Coeffi cient
■ Available in 8-Lead SO and MSOP Packages and
   3-Lead TO-92 Package
  
APPLICATIONS
■ Reference for 5V Systems
■ 8-Bit A/D and D/A Reference
■ Digital Voltmeters
■ Current Loop Measurement and Control Systems
■ Power Supply Monitor




Similar Part No. - LT1461

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461 LINER-LT1461 Datasheet
206Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LT1461 LINER-LT1461 Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
844Kb / 18P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT1461 LINER-LT1461 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results


Similar Description - LT1461

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
2.5V REFERENCE DIODE
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
2.5V Reference
LM336-2.5 LINER-LM336-2.5_15 Datasheet
137Kb / 4P
2.5V Reference
LT1009 LINER-LT1009_15 Datasheet
123Kb / 8P
2.5V Reference
RH1009 LINER-RH1009_15 Datasheet
60Kb / 2P
2.5V Reference
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML_16 Datasheet
453Kb / 17P
2.5V Reference Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com