Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1274 Datasheet (PDF) - Linear Integrated Systems

LTC1274 Datasheet PDF - Linear Integrated Systems
Part # LTC1274
Download  LTC1274 Download
File Size   221.64 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 12-Bit, 10mW, 100ksps ADCs with 1A Shutdown

LTC1274 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1274 Datasheet PDF - Linear Integrated Systems

Part # LTC1274
Download  LTC1274 Click to download

File Size   221.64 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 12-Bit, 10mW, 100ksps ADCs with 1A Shutdown

LTC1274 Datasheet (HTML) - Linear Integrated Systems


LTC1274 Product details

DESCRIPTION
The LTC®1274/LTC1277 are 8µs sampling 12-bit A/D converters which draw only 2mA (typ) from single 5V or ±5V supplies. These easy-to-use devices come complete with a 2µs sample-and-hold, a precision reference and an internally trimmed clock. Unipolar and bipolar conversion modes add to the flexibility of the ADCs.

FEATURES
■ Low Power Dissipation: 10mW
■ Sample Rate: 100ksps
■ Samples Inputs Beyond Nyquist, 72dB S/(N + D) and 82dB THD at fIN = 100kHz
■ Single Supply 5V or ±5V Operation
■ Power Shutdown to 1µA in Sleep Mode
■ 180µA Nap Mode (LTC1277) with Instant Wake-Up
■ Internal Reference Can Be Overdriven
■ Internal Synchronized Clock
■ 0V to 4.096V or ±2.048V Input Ranges (1mV/LSB)
■ 24-Lead SO Package

APPLICATIONS
■ Battery-Powered Portable Systems
■ High Speed Data Acquisition for PCs
■ Digital Signal Processing
■ Multiplexed Data Acquisition Systems
■ Audio and Telecom Processing
■ Spectrum Analysis




Similar Part No. - LTC1274

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1274 LINER-LTC1274 Datasheet
411Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
LTC1274 LINER-LTC1274 Datasheet
221Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1關A Shutdown
logo
Analog Devices
LTC1274 AD-LTC1274 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
logo
Linear Technology
LTC1274CS LINER-LTC1274CS Datasheet
411Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
LTC1274CSW LINER-LTC1274CSW Datasheet
221Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1關A Shutdown
More results


Similar Description - LTC1274

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1274 LINER-LTC1274 Datasheet
411Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1274CSW LINER-LTC1274CSW Datasheet
221Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1關A Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1274 LINER-LTC1274_15 Datasheet
240Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
LTC1277 LINER-LTC1277_15 Datasheet
240Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com