Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C010 Datasheet (PDF) - ATMEL Corporation

27C010 Datasheet PDF - ATMEL Corporation
Part # 27C010
Download  27C010 Download
File Size   256.19 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1 Megabit 128K x 8 OTP CMOS EPROM

27C010 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C010 Datasheet PDF - ATMEL Corporation

Part # 27C010
Download  27C010 Click to download

File Size   256.19 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1 Megabit 128K x 8 OTP CMOS EPROM

27C010 Datasheet (HTML) - ATMEL Corporation


27C010 Product details

Description
The AT27C010/L is a low-power, high performance 1,048,576 bit one-time programmable read only memory (OTP EPROM) organized as 128K by 8 bits. They require only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 45 ns, eliminating the need for speed reducing WAIT states on high performance microprocessor systems.
Two power versions are offered. In read mode, the AT27C010 typically consumes 25 mA while the AT27C010L requires only 8 mA. Standby mode supply current for both parts is typically less than 10 µA.

Features
• Fast Read Access Time - 45 ns
• Low Power CMOS Operation
   100 µA max. Standby
   25 mA max. Active at 5 MHz (AT27C010L)
   35 mA max. Active at 5 MHz (AT27C010)
• JEDEC Standard Packages
   32-Lead 600-mil PDIP
   32-Lead PLCC
   32-Lead TSOP
• 5V ± 10% Supply
• High Reliability CMOS Technology
   2000V ESD Protection
   200 mA Latchup Immunity
• Rapid™ Programming Algorithm - 100 µs/byte (typical)
• CMOS and TTL Compatible Inputs and Outputs
• Integrated Product Identification Code
• Commercial and Industrial Temperature Ranges




Similar Part No. - 27C010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
27C010 FAIRCHILD-27C010 Datasheet
117Kb / 10P
1,048,576-Bit (128K x 8) High Performance CMOS EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
27C010TRPFB-12 MAXWELL-27C010TRPFB-12 Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
27C010TRPFB-15 MAXWELL-27C010TRPFB-15 Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
27C010TRPFB-20 MAXWELL-27C010TRPFB-20 Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
More results


Similar Description - 27C010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
2-Megabit 128K x 16 OTP EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
December 8, 2003
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
1-Megabit (128K x 8) OTP EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
2-Megabit (128K x 16) OTP EPROM AT27C2048
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com