Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1515 Datasheet (PDF) - Linear Integrated Systems

LTC1515 Datasheet PDF - Linear Integrated Systems
Part # LTC1515
Download  LTC1515 Download
File Size   144.25 Kbytes
Page   8 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package

LTC1515 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1515 Datasheet PDF - Linear Integrated Systems

Part # LTC1515
Download  LTC1515 Click to download

File Size   144.25 Kbytes
Page   8 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package

LTC1515 Datasheet (HTML) - Linear Integrated Systems


LTC1515 Product details

DESCRIPTION
The LTC®1517-5 is a micropower charge pump DC/DC converter that produces a regulated 5V output. The input voltage range is 2.7V to 5V. Extremely low operating current (typically 6µA with no load) and low external parts count (one 0.1µF flying capacitor and two small bypass capacitors at VIN and VOUT) make the part ideally suited for small, light load battery-powered applications. The total printed circuit board area of the application circuit shown below is only 0.045in2.

FEATURES
■ Ultralow Power: ICC = 6µA Typ
■ Short-Circuit/Thermal Protected
■ 5V ±4% Regulated Output
■ VIN Range: 2.7V to 5V
■ Output Current: 10mA (VIN ≥ 2.7V) 20mA (VIN ≥ 3V)
■ No Inductors
■ Ultrasmall Application Circuit (0.045in2)
■ 800kHz Switching Frequency
■ Available in 5-Pin SOT-23

APPLICATIONS
■ Cellular Telephones
■ Battery-Operated Equipment
■ Local Power Supplies
■ Handheld Instruments
■ PCMCIA Supplies




Similar Part No. - LTC1515

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1515 LINER-LTC1515 Datasheet
233Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
LTC1515 LINER-LTC1515 Datasheet
268Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LTC1515 LINER-LTC1515 Datasheet
196Kb / 12P
High Voltage, Low Quiescent Current
LTC1515 LINER-LTC1515 Datasheet
219Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
logo
Analog Devices
LTC1515 AD-LTC1515 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
More results


Similar Description - LTC1515

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
Regulated 5V Charge Pump In SOT-23
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
MicroPower??Regulated Charge Pump
3111.2006.06.1.3
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
Regulated 5V Charge Pump In SOT-23
logo
Linear Technology
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com