Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3547 Datasheet (PDF) - Linear Integrated Systems

LTC3547 Datasheet PDF - Linear Integrated Systems
Part # LTC3547
Download  LTC3547 Download
File Size   278.57 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Dual Monolithic 300mA Synchronous Step-Down Regulaor

LTC3547 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3547 Datasheet PDF - Linear Integrated Systems

Part # LTC3547
Download  LTC3547 Click to download

File Size   278.57 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Dual Monolithic 300mA Synchronous Step-Down Regulaor

LTC3547 Datasheet (HTML) - Linear Integrated Systems


LTC3547 Product details

DESCRIPTION
The LTC®3547B is a dual, 2.25MHz, constant-frequency, synchronous step-down DC/DC converter in a tiny 3mm × 2mm DFN package. 100% duty cycle provides low dropout operation, extending battery life in portable systems. Low output voltages are supported with the 0.6V feedback reference voltage. Each regulator can supply 300mA continuous output current.

FEATURES
■ High Effi ciency (Up to 96%) Dual Step-Down
   Outputs
■ 300mA Output Current per Channel at VIN = 3V
■ 2.25MHz Constant-Frequency Operation
■ 2.5V to 5.5V Input Voltage Range
■ Low Dropout Operation: 100% Duty Cycle
■ No Schottky Diodes Required
■ Internally Compensated for All Ceramic Capacitors
■ Independent Internal Soft-Start for Each Channel
■ Available in Fixed Output Versions
■ Current Mode Operation for Excellent Line and Load
   Transient Response
■ 0.6V Reference Allows Low Output Voltages
■ Short-Circuit Protected
■ Ultralow Shutdown Current: IQ < 1μA
■ Low Profi le (0.75mm) 8-Lead 3mm × 2mm
   DFN Package

APPLICATIONS
■ Cellular Telephones
■ Digital Still Cameras
■ Wireless and DSL Modems
■ Portable Media Players
■ PDAs/Palmtop PCs




Similar Part No. - LTC3547

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3547 LINER-LTC3547 Datasheet
302Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3547 LINER-LTC3547 Datasheet
307Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3547B LINER-LTC3547B Datasheet
253Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3547B LINER-LTC3547B Datasheet
259Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3547B LINER-LTC3547B_15 Datasheet
259Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
More results


Similar Description - LTC3547

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3419 LINER-LTC3419 Datasheet
255Kb / 16P
Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3547 LINER-LTC3547 Datasheet
302Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3547B LINER-LTC3547B Datasheet
253Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
logo
New Japan Radio
NJU7691 NJRC-NJU7691 Datasheet
138Kb / 8P
300mA Synchronous Step-Down switching regulator IC
logo
Linear Technology
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
2.25MHz, 300mA Synchronous Step-Down
LTC3547 LINER-LTC3547_15 Datasheet
307Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3547B LINER-LTC3547B_15 Datasheet
259Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulator
LTC3419 LINER-LTC3419_15 Datasheet
263Kb / 16P
Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com