Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV004 Datasheet (PDF) - ATMEL Corporation

AT49BV004 Datasheet PDF - ATMEL Corporation
Part # AT49BV004
Download  AT49BV004 Download
File Size   241.68 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory

AT49BV004 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49BV004 Datasheet PDF - ATMEL Corporation

Part # AT49BV004
Download  AT49BV004 Click to download

File Size   241.68 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory

AT49BV004 Datasheet (HTML) - ATMEL Corporation


AT49BV004 Product details

Description
The AT49BV004(T) and AT49BV4096A(T) are 3-volt, 4-megabit Flash Memories organized as 524,288 words of 8 bits each or 256K words of 16 bits each. Manufac tured with Atmel’s advanced nonvolatile CMOS technology, the devices offer access times to 120 ns with power dissipation of just 67 mW at 2.7V read. When deselected, the CMOS standby current is less than 50 µA.

Features
• 2.7V to 3.6V Read/Write Operation
• Fast Read Access Time - 120 ns
• Internal Erase/Program Control
• Sector Architecture
    – One 8K Words (16K bytes) Boot Block with Programming Lockout
    – Two 4K Words (8K bytes) Parameter Blocks
    – One 240K Words (480K bytes) Main Memory Array Block
• Fast Sector Erase Time - 10 seconds
• Byte-by-Byte or Word-By-Word Programming - 30 µs Typical
• Hardware Data Protection
• DATA Polling For End Of Program Detection
• Low-Power Dissipation
    – 25 mA Active Current
    – 50 µA CMOS Standby Current
• Typical 10,000 Write Cycles




Similar Part No. - AT49BV004

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001-12JC ATMEL-AT49BV001-12JC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12PC ATMEL-AT49BV001-12PC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12TC ATMEL-AT49BV001-12TC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results


Similar Description - AT49BV004

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
8-Megabit 512K x 16 CMOS Flash Memory
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Eon Silicon Solution In...
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
4-megabit (512K x 8) Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
8-megabit (1M x 8/512K x 16) Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com