Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6545 Datasheet (PDF) - 3M Electronics

6545 Datasheet PDF - 3M Electronics
Part # 6545
Download  6545 Download
File Size   163.17 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Standard Banana Plug, Solderless and Stackable

6545 Datasheet (PDF)

Go To PDF Page Download Datasheet
6545 Datasheet PDF - 3M Electronics

Part # 6545
Download  6545 Click to download

File Size   163.17 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Standard Banana Plug, Solderless and Stackable

6545 Datasheet (HTML) - 3M Electronics


6545 Product details

Features
■ Designed to fit on the end of any 22 AWG to 18 AWG wire.
■ Cross hole wire entry fits wires up to .12” (3mm) diameter.
■ Available with tarnish resistant nickel or gold plating for very low contact resistance.
■ Model 4899 is rated to temperatures up to +302°F (+150°C).
■ Set screw simplifies assembly of test leads and jumpers by using a flat blade screwdriver.
■ Fits standard panel and binding post banana jacks .161” to .166” (4,0mm to 4,2mm) diameter. Materials Banana Jack: Beryllium Copper, Gold Plated Banana Plug: Body – Brass, Nickel Plated (Model 4897 is Gold Plated) Spring – Beryllium Copper, Nickel Plated (Model 4897 Gold Plated) Insulation: Polypropylene (Model 4899 is Polyphenylene Sulfide) Set Screw: Steel, Zinc Plated, 8-32 Single Slot Ratings Voltage: For CE compliance and for personal safety, do not hold in hand when voltages exceed 33 Vrms/70 Vdc. Maximum voltage for hands free use in controlled testing environments: 5000 Vrms Max. Do not use on circuits where transient stresses can exceed the rated voltage. Current: 15 Amps Maximum Operating Temperature: +122ºF (+50ºC) max. (Model 4899: +302ºF (+150ºC) max.) Ordering Information Model: 1825-color Nickel Plated Banana with Polypropylene Insulation Color: 0=Black, 1=Brown, 2=Red, 3=Orange, 4=Yellow, 5=Green, 6=Blue, 7=Violet, 8=Gray, 9=White, 02=set of Black and Red Ordering example: 1825-5 (1825 with Green Polypropylene Insulation) Model: 4897-0 Gold Plated Banana Plug with Polypropylene Black Insulation Model: 4897-2 Gold Plated Banana Plug with Polypropylene Red Insulation Model: 4899-0 Nickel Plated Banana with High Temperature Black Insulation (Polyphenylene Sulfide) Model: 4899-6 Nickel Plated Banana with High Temperature Blue Insulation (Polyphenylene Sulfide) Model: 6545 Package of ten 1825, one of each color. Model: 4914 Replacement Set Screws, package of 100.




Similar Part No. - 6545

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6545 POMONA-6545 Datasheet
34Kb / 1P
Standard Banana Jacks, Solderless and Stackable
logo
3M Electronics
6545 3M-6545 Datasheet
34Kb / 1P
Standard Banana Jacks, Solderless and Stackable
Rev 100
6545 3M-6545 Datasheet
76Kb / 1P
Standard Banana Plug, Solderless and Stackable
Rev. 101
logo
Belden Inc.
6545PA BELDEN-6545PA Datasheet
180Kb / 2P
Security & Sound, 6 Pair 22 AWG, BC, CMP
12-20-2022
6545PA-0081000 BELDEN-6545PA-0081000 Datasheet
180Kb / 2P
Security & Sound, 6 Pair 22 AWG, BC, CMP
12-20-2022
More results


Similar Description - 6545

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1325 POMONA-1325 Datasheet
76Kb / 1P
Standard Banana Jacks, Solderless and Stackable
1825 POMONA-1825 Datasheet
34Kb / 1P
Standard Banana Jacks, Solderless and Stackable
1325-6 POMONA-1325-6 Datasheet
27Kb / 2P
Do-It-Yourself Banana Plug, Solderless Stackable Type For Standard Banana Jacks
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
Standard Banana Plug, Solderless and Stackable
5406-0 POMONA-5406-0 Datasheet
75Kb / 1P
Standard Banana Plug, Solderless and Stackable
logo
3M Electronics
1825-2 3M-1825-2 Datasheet
34Kb / 1P
Standard Banana Jacks, Solderless and Stackable
Rev 100
1825-5 3M-1825-5 Datasheet
76Kb / 1P
Standard Banana Plug, Solderless and Stackable
Rev. 101
logo
List of Unclassifed Man...
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
Solderless Banana Plug
BU-00249-0 ETC2-BU-00249-0 Datasheet
49Kb / 1P
Stackable Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
SOLDERLESS STACKABLE BANANA PLUG
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com