Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4601-0 Datasheet (PDF) - 3M Electronics

4601-0 Datasheet PDF - 3M Electronics
Part # 4601-0
Download  4601-0 Download
File Size   26.76 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Triple Banana Jack, Insulated

4601-0 Datasheet (PDF)

Go To PDF Page Download Datasheet
4601-0 Datasheet PDF - 3M Electronics

Part # 4601-0
Download  4601-0 Click to download

File Size   26.76 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Triple Banana Jack, Insulated

4601-0 Datasheet (HTML) - 3M Electronics


4601-0 Product details

Features
■ Closed entry receptacle, 4.2 (.166) dia. x 23.4 (.920) deep.
■ Mounts in panels from 1.6 (.063) to 9.5 (.375) thick.
■ Nickel plated lock washer and ¼-32 hex nut.
■ Mates to Model #2970.
■ Ideal for connection to power supplies with positive, negative and return connections. MATERIALS: Banana jack insulation: Polycarbonate molded to banana jack bodies. Color: One Red, one Black, and one Green. Mounting Plate: Polycarbonate. Color: See ordering instructions. Insulator: Polycarbonate. Color matches color of banana jack insulation. Lockwasher ¼ Int tooth: Material: Steel. Finish: Nickel plated per QQ-N-290 Hex nut ¼-32: Material: Brass. Finish: Nickel plated per QQ-N-290. Banana jack body/solder turret: Material: Brass, per QQ-B-626, Alloy 360, ½ Hard. Finish: Bright tin plated per MIL-T-10727. RATINGS: (Entire assembly) Operating Temperature: +115°C. (+239°F.) Max. Voltage: Hand-held testing: 30VAC/60VDC Max. Hands free testing in controlled voltage environments: 2500 WVDC Max. Current: 15 Amperes ORDERING INFORMATION: Model 4601-* *=Color, -0 Black, -2 Red Ordering Example: 4601-2 Color is Red.




Similar Part No. - 4601-0

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4601 POMONA-4601 Datasheet
26Kb / 1P
Triple Banana Jack, Insulated
logo
Festo Corporation.
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
logo
Keystone Electronics Co...
4601 KEYSTONE-4601 Datasheet
413Kb / 1P
TO-3 POWER TRANSISTOR SOCKET & MOUNTING KITS
31-07 20th
logo
Bourns Electronic Solut...
46010M-4-RC/RC BOURNS-46010M-4-RC/RC Datasheet
245Kb / 2P
Thick Film Conformal SIPs
logo
Turck, Inc.
4601190 TURCK-4601190 Datasheet
208Kb / 3P
Inductive Sensor
11/07/2023
More results


Similar Description - 4601-0

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2142 POMONA-2142 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
2269 POMONA-2269 Datasheet
320Kb / 1P
Insulated Double Banana Jack
4601 POMONA-4601 Datasheet
26Kb / 1P
Triple Banana Jack, Insulated
5935 POMONA-5935 Datasheet
24Kb / 1P
2MM Insulated Banana Jack
logo
3M Electronics
2142-2 3M-2142-2 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
Rev 100
2142-4 3M-2142-4 Datasheet
28Kb / 1P
Insulated Miniature Banana Jack
09-Jun-1999
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
Insulated Banana Jack
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
Insulated Banana Jack To Standard Banana Plug
logo
Keystone Electronics Co...
6091 KEYSTONE-6091 Datasheet
202Kb / 1P
INSULATED BANANA JACK
1.11.06
6095 KEYSTONE-6095 Datasheet
189Kb / 1P
NON-INSULATED BANANA JACK
11.5.99
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com