Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT59C11 Datasheet (PDF) - ATMEL Corporation

AT59C11 Datasheet PDF - ATMEL Corporation
Part # AT59C11
Download  AT59C11 Download
File Size   131.32 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Wire Serial EEPROMs

AT59C11 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT59C11 Datasheet PDF - ATMEL Corporation

Part # AT59C11
Download  AT59C11 Click to download

File Size   131.32 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Wire Serial EEPROMs

AT59C11 Datasheet (HTML) - ATMEL Corporation


AT59C11 Product details

Description

The AT59C11/22/13 provides 1024/2048/4096 bits of serial EEPROM (Electrically Erasable Programmable Read Only Memory) organized as 64/128/256 words of 16 bits each, when the ORG Pin is connected to VCC and 128/256/512 words of 8 bits each when it is tied to ground. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The AT59C11/22/13 is available in space saving 8-pin PDIP and 8-pin EIAJ SOIC packages.



Features

• Low Voltage and Standard Voltage Operation

   – 5.0 (VCC = 4.5V to 5.5V)

   – 2.7 (VCC = 2.7V to 5.5V)

   – 2.5 (VCC = 2.5V to 5.5V)

• User Selectable Internal Organization

   – 1K: 128 x 8 or 64 x 16

   – 2K: 256 x 8 or 128 x 16

   – 4K: 512 x 8 or 256 x 16

• 4-Wire Serial Interface

• Self-Timed Write Cycle (10 ms max)

• High Reliability

   – Endurance: 1 Million Write Cycles

   – Data Retention: 100 Years

   – ESD Protection: >4000V

• 8-Pin PDIP and 8-Pin EIAJ SOIC Packages



 




Similar Part No. - AT59C11

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
AT5 KNOWLES-AT5 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Yuechung International ...
AT5.8G YIC-AT5.8G Datasheet
674Kb / 5P
5.8GHz External Antenna
AT5.8G-13295-7.0WT YIC-AT5.8G-13295-7.0WT Datasheet
674Kb / 5P
5.8GHz External Antenna
logo
Sensata Technologies, I...
AT500-22-10 SENSATA-AT500-22-10 Datasheet
8Mb / 17P
SNAP ACTION PRECISION POSITION SWITCHES (RATED 4 AMPS @ 28VDC)
Rev:06/04/19
logo
Analog Technologies, In...
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
High Voltage Isolation Amplifier
7/5/2021
More results


Similar Description - AT59C11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
243Kb / 15P
3-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
Three-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
Two-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
2-wire Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com