Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT5FC256 Datasheet (PDF) - ATMEL Corporation

AT5FC256 Datasheet PDF - ATMEL Corporation
Part # AT5FC256
Download  AT5FC256 Download
File Size   300.83 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256K byte Flash Memory PCMCIA Card

AT5FC256 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT5FC256 Datasheet PDF - ATMEL Corporation

Part # AT5FC256
Download  AT5FC256 Click to download

File Size   300.83 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256K byte Flash Memory PCMCIA Card

AT5FC256 Datasheet (HTML) - ATMEL Corporation


AT5FC256 Product details

Description
Atmel’s Flash Memory Card provides the highest system level performance for data and file storage solutions to the portable PC market segment. Data files and applications programs can be stored on the AT5FC256. This allows OEM manufacturers of portable system to eliminate the weight, power consumption and reliability issues associated with electro-mechanical disk-based systems. The AT5FC256 requires a single voltage power supply for total system operation. No batteries are needed for data retention due to its Flash-based technology. Since no high voltage (12-volt) is required to perform any write operation, the AT5FC256 is suitable for the emerging "mobile" personal systems.

Features
• Single Power Supply
   Read and Write Voltage, 5V ± 5%
• High Performance
   200 ns Maximum Access Time
   6 ms Typical Sector Write
• CMOS Low Power Consumption
   20 mA Typical Active Current (Byte Mode)
   400 µA Typical Standby Current
• Fully MS-DOS Compatible Flash Driver and Formatter
   Virtual-Disk Flash Driver with 256 Bytes/Sector
   Random Read/Write to any Sector
   No Erase Operation Required Prior to any Write
• Zero Data Retention Power
   Batteries not Required for Data Storage
• PCMCIA/JEIDA 68-Pin Standard
   Selectable Byte- or Word-Wide Configuration
• High Re-programmable Endurance
   Built-in Redundancy for Sector Replacement
   Minimum 100,000 Write Cycles
• Five Levels of Write Protection
   Prevent Accidental Data Loss




Similar Part No. - AT5FC256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT5FC001 ATMEL-AT5FC001 Datasheet
575Kb / 14P
1-Megabyte Flash Memory PCMCIA Card
AT5FC001-20 ATMEL-AT5FC001-20 Datasheet
575Kb / 14P
1-Megabyte Flash Memory PCMCIA Card
AT5FC002 ATMEL-AT5FC002 Datasheet
715Kb / 15P
2-Megabyte Flash Memory PCMCIA Card
AT5FC002-20 ATMEL-AT5FC002-20 Datasheet
715Kb / 15P
2-Megabyte Flash Memory PCMCIA Card
AT5FC004 ATMEL-AT5FC004 Datasheet
755Kb / 15P
4-Megabyte Flash Memory PCMCIA Card
More results


Similar Description - AT5FC256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
logo
Rohm
BP5310 ROHM-BP5310 Datasheet
59Kb / 4P
PCMCIA / flash memory power supply
BP5320 ROHM-BP5320 Datasheet
55Kb / 4P
Power supply PCMCIA / flash memory
logo
ATMEL Corporation
AT5FC001 ATMEL-AT5FC001 Datasheet
575Kb / 14P
1-Megabyte Flash Memory PCMCIA Card
AT5FC002 ATMEL-AT5FC002 Datasheet
715Kb / 15P
2-Megabyte Flash Memory PCMCIA Card
AT5FC004 ATMEL-AT5FC004 Datasheet
755Kb / 15P
4-Megabyte Flash Memory PCMCIA Card
AT5FC008 ATMEL-AT5FC008 Datasheet
120Kb / 15P
8-Megabyte Flash Memory PCMCIA Card
AT5FC512 ATMEL-AT5FC512 Datasheet
313Kb / 15P
512K byte Flash Memory PCMCIA Card
logo
Rohm
BP5310A ROHM-BP5310A Datasheet
55Kb / 6P
PCMCIA / Flash memory power supply
logo
STMicroelectronics
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com