Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZT751T1 Datasheet (PDF) - Motorola, Inc

PZT751T1 Datasheet PDF - Motorola, Inc
Part # PZT751T1
Download  PZT751T1 Download
File Size   119.39 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT

PZT751T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PZT751T1 Datasheet PDF - Motorola, Inc

Part # PZT751T1
Download  PZT751T1 Click to download

File Size   119.39 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT

PZT751T1 Datasheet (HTML) - Motorola, Inc


PZT751T1 Product details

This PNP Silicon Epitaxial transistor is designed for use in industrial and consumer applications. The device is housed in the SOT–223 package which is designed for medium power surface mount applications.

• High Current: 2.0 Amp
• The SOT–223 Package can be soldered using wave or reflow.
• SOT–223 package ensures level mounting, resulting in improved thermal
   conduction, and allows visual inspection of soldered joints. The formed
   leads absorb thermal stress during soldering, eliminating the possibility of
   damage to the die
• Available in 12 mm Tape and Reel
   Use PZT751T1 to order the 7 inch/1000 unit reel.
   Use PZT751T3 to order the 13 inch/4000 unit reel.
• NPN Complement is PZT651T1




Similar Part No. - PZT751T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZT751T1 ONSEMI-PZT751T1 Datasheet
127Kb / 6P
PNP Silicon Planar Epitaxial Transistor
January, 2004 ??Rev. 4
PZT751T1G ONSEMI-PZT751T1G Datasheet
127Kb / 6P
PNP Silicon Planar Epitaxial Transistor
January, 2004 ??Rev. 4
PZT751T1G ONSEMI-PZT751T1G Datasheet
133Kb / 4P
PNP Silicon Planar Epitaxial Transistor
October, 2010 -- Rev. 6
PZT751T1G ONSEMI-PZT751T1G Datasheet
65Kb / 4P
PNP Silicon Planar Epitaxial Transistor
January, 2015 ??Rev. 9
PZT751T1G. ONSEMI-PZT751T1G. Datasheet
65Kb / 4P
PNP Silicon Planar Epitaxial Transistor
January, 2015 ??Rev. 9
More results


Similar Description - PZT751T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
PZT2907AT1 MOTOROLA-PZT2907AT1 Datasheet
139Kb / 6P
SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751 Datasheet
73Kb / 2P
SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT955 CENTRAL-CZT955_15 Datasheet
979Kb / 3P
SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
logo
ON Semiconductor
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com