Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT73C500 Datasheet (PDF) - ATMEL Corporation

AT73C500 Datasheet PDF - ATMEL Corporation
Part # AT73C500
Download  AT73C500 Download
File Size   246.96 Kbytes
Page   28 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Chip Set Solution for Watt-Hour Meters

AT73C500 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT73C500 Datasheet PDF - ATMEL Corporation

Part # AT73C500
Download  AT73C500 Click to download

File Size   246.96 Kbytes
Page   28 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Chip Set Solution for Watt-Hour Meters

AT73C500 Datasheet (HTML) - ATMEL Corporation


AT73C500 Product details

Description
A two chip solution, consisting of AT73C500 and AT73C501 (or AT73C502), offers all main features required for the measurement and calculation of various power and energy quantities in static Watt-hour meters. The devices operate according to IEC1036, class 1, specification. IEC 687, class 0.5 and 0.2 requirements are fulfilled when used with external temperature compensated voltage reference.

Features
• Fulfills IEC 1036, Class 1 Accuracy Requirements
• Fulfills IEC 687, Class 0.5 and Class 0.2 Accuracy, with External Temperature Compensated Voltage Reference
• Simultaneous Active, Reactive and Apparent Power and Energy Measurement
• Power Factor, Frequency, Voltage and Current Measurement
• Single and Poly Phase Operation
• Three Basic Operating Modes: Stand-Alone Mode, Microprocessor Mode and Multi-Channel Mode
• Flexible Interfacing, 8-bit Microprocessor Interface, 8-bit Status Output and Eight Impulse Outputs
• Calibration of Gain and Phase Error
• Compensation of the Non-Linearity of Low Power Measurement
• Adjustable Starting Current and Meter Constant
• Measurement Bandwidth of 1000 Hz
• Tamper Proof Design
• Single +5V Supply




Similar Part No. - AT73C500

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
POWER SUPPLY AND BATTERY MANAGEMENT IC
AT73C202 ATMEL-AT73C202 Datasheet
49Kb / 3P
Power Management for Mobiles (PM)
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
Backup Battery Charger
AT73C203 ATMEL-AT73C203 Datasheet
48Kb / 3P
Power Management IC for Datacom Platforms
AT73C203 ATMEL-AT73C203_14 Datasheet
54Kb / 106P
Power Management
More results


Similar Description - AT73C500

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805 IRF-IRF7805 Datasheet
236Kb / 8P
Chip-Set for DC-DC Converters
logo
List of Unclassifed Man...
ES4227 ETC-ES4227 Datasheet
94Kb / 8P
Internet Set-Top Box Solution
ES4427 ETC-ES4427 Datasheet
119Kb / 10P
Web/DVD Set-Top Box Solution
logo
Panasonic Semiconductor
MN103S5405YD PANASONIC-MN103S5405YD Datasheet
43Kb / 3P
Chip-set for Digital Still Camera
logo
List of Unclassifed Man...
SPHE8202S ETC2-SPHE8202S Datasheet
81Kb / 1P
CHIP SET
logo
ams AG
PS081 AMSCO-PS081 Datasheet
7Mb / 155P
Single Chip Solution for Strain Gauges
logo
Aplus Intergrated Circu...
XLV11H APLUS-XLV11H Datasheet
1,006Kb / 8P
dual set Solution
logo
Synaptics Incorporated.
CX24142 CONEXANT-CX24142 Datasheet
257Kb / 2P
Single-Chip FTA and FTA-CI Set-Top BOX System Solution
logo
Sames
RM4104ASEB SAMES-RM4104ASEB Datasheet
252Kb / 16P
Low-Cost Watt-Hour Energy Meter
logo
Sciosense B.V.
AS6040 SCIOSENSE-AS6040 Datasheet
3Mb / 213P
Ultrasonic Flow Meters for Gas Meters
v2 2020-Aug-26
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com