Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80F52 Datasheet (PDF) - ATMEL Corporation

AT80F52 Datasheet PDF - ATMEL Corporation
Part # AT80F52
Download  AT80F52 Download
File Size   157.88 Kbytes
Page   19 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 8K Bytes QuickFlash Memory

AT80F52 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT80F52 Datasheet PDF - ATMEL Corporation

Part # AT80F52
Download  AT80F52 Click to download

File Size   157.88 Kbytes
Page   19 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 8K Bytes QuickFlash Memory

AT80F52 Datasheet (HTML) - ATMEL Corporation


AT80F52 Product details

Description
The AT80F52 is a low-power, high-performance CMOS 8-bit microcomputer with 8K bytes of QuickFlash memory. The device is manufactured using Atmel’s high density nonvolatile memory technology and is compatible with the industry standard 80C51 and 80C52 instruction set and pinout. The on-chip QuickFlash allows custom codes to be quickly programmed in the factory. By combining a versatile 8-bit CPU with Quick Flash on a monolithic chip, the Atmel AT80F52 is a powerful microcomputer which provides a highly flexible and cost effective solution to many embedded control applications.

Features
• Compatible with MCS-51™ Products
• 8K Bytes of Factory Programmable QuickFlash™ Memory
• Fully Static Operation: 0 Hz to 20 MHz
• Three-Level Program Memory Lock
• 256 x 8-Bit Internal RAM
• 32 Programmable I/O Lines
• Three 16-Bit Timer/Counters
• Eight Interrupt Sources
• Programmable Serial Channel
• Low Power Idle and Power Down Modes




Similar Part No. - AT80F52

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80F51 ATMEL-AT80F51 Datasheet
106Kb / 12P
8-Bit Microcontroller with 4K Bytes QuickFlash Memory
AT80F51-12AC ATMEL-AT80F51-12AC Datasheet
106Kb / 12P
8-Bit Microcontroller with 4K Bytes QuickFlash Memory
AT80F51-12AI ATMEL-AT80F51-12AI Datasheet
106Kb / 12P
8-Bit Microcontroller with 4K Bytes QuickFlash Memory
AT80F51-12JC ATMEL-AT80F51-12JC Datasheet
106Kb / 12P
8-Bit Microcontroller with 4K Bytes QuickFlash Memory
AT80F51-12JI ATMEL-AT80F51-12JI Datasheet
106Kb / 12P
8-Bit Microcontroller with 4K Bytes QuickFlash Memory
More results


Similar Description - AT80F52

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80F51 ATMEL-AT80F51 Datasheet
106Kb / 12P
8-Bit Microcontroller with 4K Bytes QuickFlash Memory
AT87F51 ATMEL-AT87F51 Datasheet
170Kb / 15P
8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F52 ATMEL-AT87F52 Datasheet
224Kb / 22P
8-Bit Microcontroller with 8K Bytes QuickFlash
AT87F51RC ATMEL-AT87F51RC Datasheet
357Kb / 25P
8-bit Microcontroller with 32K Bytes QuickFlash
AT87LV52 ATMEL-AT87LV52 Datasheet
287Kb / 23P
8-bit Microcontroller with 8K Bytes QuickFlash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT87F55WD ATMEL-AT87F55WD Datasheet
234Kb / 26P
8-bit Microcontroller with 20K Bytes QuickFlash?
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252-24PU ATMEL-AT89S8252-24PU Datasheet
610Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com