Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC101 Datasheet (PDF) - ATMEL Corporation

AT88SC101 Datasheet PDF - ATMEL Corporation
Part # AT88SC101
Download  AT88SC101 Download
File Size   176.22 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Smart Card ICs 1K E2PROM with Security Logic

AT88SC101 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT88SC101 Datasheet PDF - ATMEL Corporation

Part # AT88SC101
Download  AT88SC101 Click to download

File Size   176.22 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Smart Card ICs 1K E2PROM with Security Logic

AT88SC101 Datasheet (HTML) - ATMEL Corporation


AT88SC101 Product details

Description
The AT88SC101/102 family provides 1024 bits of serial E2PROM (Electrically Erasable and Programmable Read Only Memory) with additional security logic for use in secure smart card applications.
   
Features
• 1K x 1 Serial E2PROM With Security Logic
• Available in Two Memory Organizations:
    AT88SC10111K x 1Memory Zone
    AT88SC1022512 x 1Memory Zone
• Supports ISO/IEC 7816-3 Synchronous Protocol
• Stores and Validates Security Codes
• Counts Incorrect Security Code Attempts
• Provides Transport Code Security
• Manufactured Using Low Power CMOS Technology
• VPP Internally Generated
• 2 µs Read Access Time; 5 ms Write Cycle Time
• Temperature Range From -25°C to 70°C
• ESD Immunity > 4K Volts
• High Reliability:
    100,000 Write/Erase Cycles
    100 Years Data Retention
   




Similar Part No. - AT88SC101

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1003 ATMEL-AT88SC1003 Datasheet
334Kb / 30P
Security Logic with Three Application Zones
AT88SC1003 ATMEL-AT88SC1003 Datasheet
528Kb / 30P
Vpp Internally Generated for Single Voltage Operation
AT88SC1003-09ET-00 ATMEL-AT88SC1003-09ET-00 Datasheet
334Kb / 30P
Security Logic with Three Application Zones
AT88SC1003-09PT-00 ATMEL-AT88SC1003-09PT-00 Datasheet
334Kb / 30P
Security Logic with Three Application Zones
AT88SC1003-10WI-00 ATMEL-AT88SC1003-10WI-00 Datasheet
334Kb / 30P
Security Logic with Three Application Zones
More results


Similar Description - AT88SC101

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
Security & Chip Card ICs
2004.02
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com