Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS53 Datasheet (PDF) - ATMEL Corporation

AT89LS53 Datasheet PDF - ATMEL Corporation
Part # AT89LS53
Download  AT89LS53 Download
File Size   490.14 Kbytes
Page   31 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 12K Bytes Flash

AT89LS53 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89LS53 Datasheet PDF - ATMEL Corporation

Part # AT89LS53
Download  AT89LS53 Click to download

File Size   490.14 Kbytes
Page   31 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 12K Bytes Flash

AT89LS53 Datasheet (HTML) - ATMEL Corporation


AT89LS53 Product details

Description
The AT89LS53 is a low-power, wide-voltage range, high-performance CMOS 8-bit microcomputer with 12K bytes of downloadable Flash programmable and erasable read only memory. The device is manufactured using Atmel’s high density nonvolatile memory technology and is compatible with the industry standard 80C51 instruction set and pinout. The on-chip downloadable Flash allows the program memory to be reprogrammed in-system through an SPI serial interface or by a conventional nonvolatile memory programmer. By combining a versatile 8-bit CPU with downloadable Flash on a monolithic chip, the Atmel AT89LS53 is a powerful microcomputer which provides a highly flexible and cost effective solution to many embedded control applications.

Features
• Compatible with MCS®51 Products
• 12K Bytes of In-System Reprogrammable Downloadable Flash Memory
   - SPI Serial Interface for Program Downloading
   - Endurance: 1,000 Write/Erase Cycles
• 2.7V to 6V Operating Range
• Fully Static Operation: 0 Hz to 12 MHz
• Three-Level Program Memory Lock
• 256 x 8 bit Internal RAM
• 32 Programmable I/O Lines
• Three 16-bit Timer/Counters
• Nine Interrupt Sources
• Programmable UART Serial Channel
• SPI Serial Interface
• Low Power Idle and Power Down Modes
• Interrupt Recovery From Power Down
• Programmable Watchdog Timer
• Dual Data Pointer
• Power Off Flag




Similar Part No. - AT89LS53

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS53 ATMEL-AT89LS53 Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89LS53-12AC ATMEL-AT89LS53-12AC Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89LS53-12AI ATMEL-AT89LS53-12AI Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89LS53-12JC ATMEL-AT89LS53-12JC Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89LS53-12JI ATMEL-AT89LS53-12JI Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
More results


Similar Description - AT89LS53

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S53 ATMEL-AT89S53 Datasheet
471Kb / 32P
8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S53 ATMEL-AT89S53_06 Datasheet
637Kb / 35P
8-bit Microcontroller with 12K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS53 ATMEL-AT89LS53_06 Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_00 Datasheet
448Kb / 33P
8-bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
8-bit Microcontroller with 12K Bytes Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com