Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1580 Datasheet (PDF) - Analog Devices

AD1580 Datasheet PDF - Analog Devices
Part # AD1580
Download  AD1580 Download
File Size   368.57 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 V Micropower, Precision Shunt Voltage Reference

AD1580 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1580 Datasheet PDF - Analog Devices

Part # AD1580
Download  AD1580 Click to download

File Size   368.57 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 V Micropower, Precision Shunt Voltage Reference

AD1580 Datasheet (HTML) - Analog Devices


AD1580 Product details

GENERAL DESCRIPTION
The AD15801 is a low cost, 2-terminal (shunt), precision band gap reference. It provides an accurate 1.225 V output for input currents between 50 μA and 10 mA.
   
FEATURES
    Wide operating range: 50 μA to 10 mA
    Initial accuracy: ±0.1% maximum
    Temperature drift: ±50 ppm/°C maximum
    Output impedance: 0.5 Ω maximum
    Wideband noise (10 Hz to 10 kHz): 20 μV rms
    Operating temperature range: –40°C to +85°C
    High ESD rating
        4 kV human body model
        400 V machine model
    Compact, surface-mount SOT-23 and SC70 packages
   
APPLICATIONS
    Portable, battery-powered equipment
        Cellular phones, notebook computers, PDAs, GPSs, and
        DMMs
    Computer workstations
        Suitable for use with a wide range of video RAMDACs
    Smart industrial transmitters
    PCMCIA cards
    Automotive
    3 V/5 V, 8-bit to 12-bit data converters
   




Similar Part No. - AD1580

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1580 AD-AD1580 Datasheet
368Kb / 12P
1.2 V Micropower, Precision
Rev. F
AD1580 AD-AD1580 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580 AD-AD1580 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART-REEL AD-AD1580ART-REEL Datasheet
368Kb / 12P
1.2 V Micropower, Precision
Rev. F
More results


Similar Description - AD1580

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Analog Devices
ADR1581 AD-ADR1581 Datasheet
524Kb / 12P
1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
Analog Devices
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com