Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90S4433 Datasheet (PDF) - ATMEL Corporation

AT90S4433 Datasheet PDF - ATMEL Corporation
Part # AT90S4433
Download  AT90S4433 Download
File Size   323.11 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash

AT90S4433 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90S4433 Datasheet PDF - ATMEL Corporation

Part # AT90S4433
Download  AT90S4433 Click to download

File Size   323.11 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash

AT90S4433 Datasheet (HTML) - ATMEL Corporation


AT90S4433 Product details

Description
The AT90S2333/4433 is a low-power CMOS 8-bit microcontroller based on the AVR RISC architecture. By executing powerful instructions in a single clock cycle, the AT90S2333/4433 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High-performance and Low-power AVR® 8-bit RISC Architecture
    – 118 Powerful Instructions - Most Single Cycle Execution
    – 32 x 8 General Purpose Working Registers
    – Up to 8 MIPS Throughput at 8 MHz
• Data and Nonvolatile Program Memory
    – 2K/4K Bytes of In-System Programmable Flash Endurance 1,000 Write/Erase Cycles
    – 128 Bytes of SRAM
    – 128/256 Bytes of In-System Programmable EEPROM Endurance: 100,000 Write/Erase Cycles
    – Programming Lock for Flash Program and EEPROM Data Security
• Peripheral Features
    – One 8-bit Timer/Counter with Separate Prescaler
    – Expanded 16-bit Timer/Counter with Separate Prescaler, Compare, Capture Modes and 8-, 9- or 10-bit PWM
    – On-chip Analog Comparator
    – Programmable Watchdog Timer with Separate On-chip Oscillator
    – Programmable UART
    – 6-channel, 10-bit ADC
    – Master/Slave SPI Serial Interface
• Special Microcontroller Features
    – Brown-Out Reset Circuit
    – Enhanced Power-on Reset Circuit
    – Low-Power Idle and Power Down Modes
    – External and Internal Interrupt Sources
• Specifications
    – Low-power, High-speed CMOS Process Technology
    – Fully Static Operation
• Power Consumption at 4 MHz, 3V, 25°C
    – Active: 3.4 mA
    – Idle Mode: 1.4 mA
    – Power Down Mode: <1 µA
• I/O and Packages
    – 20 Programmable I/O Lines
    – 28-pin PDIP and 32-pin TQFP
• Operating Voltage
    – 2.7V - 6.0V (AT90LS2333 and AT90LS4433)
    – 4.0V - 6.0V (AT90S2333 and AT90S4433)
• Speed Grades
    – 0 - 4 MHz (AT90LS2333 and AT90LS4433)
    – 0 - 8 MHz (AT90S2333 and AT90S4433)




Similar Part No. - AT90S4433

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S4433 ATMEL-AT90S4433 Datasheet
1Mb / 126P
8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
AT90S4433 ATMEL-AT90S4433 Datasheet
2Mb / 61P
AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S4433-8AC ATMEL-AT90S4433-8AC Datasheet
1Mb / 126P
8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
AT90S4433-8AI ATMEL-AT90S4433-8AI Datasheet
1Mb / 126P
8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
AT90S4433-8PC ATMEL-AT90S4433-8PC Datasheet
1Mb / 126P
8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
More results


Similar Description - AT90S4433

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
8-Bit Microcontroller with 2K bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_10 Datasheet
444Kb / 11P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_12 Datasheet
721Kb / 22P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com