Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23009TEMG Datasheet (PDF) - Microchip Technology

MCP23009TEMG Datasheet PDF - Microchip Technology
Part # MCP23009TEMG
Download  MCP23009TEMG Download
File Size   643.44 Kbytes
Page   50 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit I/O Expander with Open-Drain Outputs

MCP23009TEMG Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP23009TEMG Datasheet PDF - Microchip Technology

Part # MCP23009TEMG
Download  MCP23009TEMG Click to download

File Size   643.44 Kbytes
Page   50 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit I/O Expander with Open-Drain Outputs

MCP23009TEMG Datasheet (HTML) - Microchip Technology


MCP23009TEMG Product details

DEVICE OVERVIEW
The MCP23X09 device provides 8-bit, general purpose parallel I/O expansion for I2C bus or SPI applications.
The two devices differ only in the serial interface.
• MCP23009 – I2C interface
• MCP23S09 – SPI interface

The MCP23X09 consists of multiple 8-bit configuration registers for input, output and polarity selection. The system master can enable the I/Os as either inputs or outputs by writing the I/O configuration bits. The data for each input or output is kept in the corresponding input or output register. The polarity of the input port register can be inverted with the polarity inversion register. All registers can be read by the system master.

Features:
• 8-Bit Remote Bidirectional I/O Port:
   - I/O Pins Default to Input
• Open-Drain Outputs:
   - 5.5V Tolerant
   - 25 mA Sink Capable (per Pin)
   - 200 mA Total
• High-Speed I2C™ Interface (MCP23009):
   - 100 kHz
   - 400 kHz
   - 3.4 MHz
• High-Speed SPI Interface (MCP23S09):
   - 10 MHz
• Single Hardware Address Pin (MCP23009):
   - Voltage input to allow up to eight devices on the bus
• Configurable Interrupt Output Pins:
   - Configurable as active-high, active-low or open-drain
• Configurable Interrupt Source:
   - Interrupt-on-Change from configured defaults or pin change
• Polarity inversion register to configure the polarity of the input port data
• External Reset Input
• Low Standby Current:
   - 1 µA (-40°C ≤ TA ≤ +85°C)
   - 6 µA (+85°C ≤ TA ≤ +125°C)
• Operating Voltage:
   - 1.8V to 5.5V
• Available Packages:
   - 16-Lead QFN (3x3x0.9 mm)
   - 18-Lead PDIP (300 mil)
   - 18-Lead SOIC (7.50 mm)
   - 20-Lead SSOP (5.30 mm)




Similar Part No. - MCP23009TEMG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP23009T MICROCHIP-MCP23009T Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
MCP23009T-E/P MICROCHIP-MCP23009T-E/P Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
MCP23009T-E/SO MICROCHIP-MCP23009T-E/SO Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
MCP23009T-E/SS MICROCHIP-MCP23009T-E/SS Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
More results


Similar Description - MCP23009TEMG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66009FP MITSUBISHI-M66009FP Datasheet
73Kb / 8P
8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
M66013FP MITSUBISHI-M66013FP Datasheet
33Kb / 2P
8-BIT I/O EXPANDER WITH ADDRESS
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
logo
Microchip Technology
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
8-Bit I/O Expander with Serial Interface
2007
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
8-bit I/O Expander with Address
M66009FP RENESAS-M66009FP Datasheet
2Mb / 9P
8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
logo
Microchip Technology
MCP23018 MICROCHIP-MCP23018 Datasheet
783Kb / 56P
16-Bit I/O Expander with Open-Drain Outputs
2008
MCP23009 MICROCHIP-MCP23009 Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
Remote 8-Bit I/O Expander
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com