Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713ANZ Datasheet (PDF) - Analog Devices

AD7713ANZ Datasheet PDF - Analog Devices
Part # AD7713ANZ
Download  AD7713ANZ Download
File Size   271.48 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Loop-Powered Signal Conditioning ADC

AD7713ANZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7713ANZ Datasheet PDF - Analog Devices

Part # AD7713ANZ
Download  AD7713ANZ Click to download

File Size   271.48 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Loop-Powered Signal Conditioning ADC

AD7713ANZ Datasheet (HTML) - Analog Devices


AD7713ANZ Product details

GENERAL DESCRIPTION
The AD7713 is a complete analog front end for low frequency measurement applications. The device accepts low level signals directly from a transducer or high level signals (4  VREF) and outputs a serial digital word. It employs - conversion technique to realize up to 24 bits of no missing codes performance. The input signal is applied to a proprietary programmable gain front end based around an analog modulator. The modulator output is processed by an on-chip digital filter. The first notch of this digital filter can be programmed via the on-chip control register, allowing adjustment of the filter cutoff and settling time.

FEATURES
    Charge Balancing ADC
        24 Bits No Missing Codes
        ±0.0015% Nonlinearity
    3-Channel Programmable Gain Front End
        Gains from 1 to 128
        2 Differential Inputs
        1 Single-Ended High Voltage Input
    Low-Pass Filter with Programmable Filter Cutoffs
    Ability to Read/Write Calibration Coefficients
    Bidirectional Microcontroller Serial Interface
    Single-Supply Operation
    Low Power (3.5 mW typ) with Power-Down Mode (150 μW typ)

APPLICATIONS
    Loop Powered (Smart) Transmitters
    RTD Transducers
    Process Control
    Portable Industrial Instruments




Similar Part No. - AD7713ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7713AN AD-AD7713AN Datasheet
516Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV.C
AD7713AN AD-AD7713AN Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AN AD-AD7713AN Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AN AD-AD7713AN Datasheet
330Kb / 29P
Loop-Powered Signal Conditioning ADC
23-Feb-2017
More results


Similar Description - AD7713ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7710 AD-AD7710 Datasheet
220Kb / 28P
Signal Conditioning ADC
REV.F
AD7713 AD-AD7713 Datasheet
516Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV.C
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
Signal Conditioning ADC
REV. F
AD7713 AD-AD7713_15 Datasheet
271Kb / 28P
Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713_17 Datasheet
330Kb / 29P
Loop-Powered Signal Conditioning ADC
23-Feb-2017
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
Signal Conditioning ADC
23-Feb-2017
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
Signal Conditioning ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com