Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA161 Datasheet (PDF) - ATMEL Corporation

ATMEGA161 Datasheet PDF - ATMEL Corporation
Part # ATMEGA161
Download  ATMEGA161 Download
File Size   2243.92 Kbytes
Page   134 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K Bytes In-System Programmable Flash

ATMEGA161 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA161 Datasheet PDF - ATMEL Corporation

Part # ATMEGA161
Download  ATMEGA161 Click to download

File Size   2243.92 Kbytes
Page   134 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K Bytes In-System Programmable Flash

ATMEGA161 Datasheet (HTML) - ATMEL Corporation


ATMEGA161 Product details

Description
The ATmega161 is a low-power CMOS 8-bit microcontroller based on the AVR RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega161 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers.

Features
• High-performance, Low-power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
   – 130 Powerful Instructions - Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
   – Up to 8 MIPS Throughput at 8 MHz
   – On-chip 2-cycle Multiplier
• Program and Data Memories
   – 16K Bytes of Nonvolatile In-System Programmable Flash
      Endurance: 1,000 Write/Erase Cycles
   – Optional Boot Code Memory with Independent Lock Bits
      Self-programming of Program and Data Memories
   – 512 Bytes Nonvolatile In-System Programmable EEPROM
      Endurance: 100,000 Write/Erase Cycles
   – 1K Bytes Internal SRAM
   – Programming Lock for Software Security
• Peripheral Features
   – Two 8-bit Timer/Counters with Separate Prescaler and PWM
   – Expanded 16-bit Timer/Counter System with Separate Prescaler, Compare,
      Capture Modes and Dual 8-, 9- or 10-bit PWM
   – Dual Programmable Serial UARTs
   – Master/Slave SPI Serial Interface
   – Real Time Counter with Separate Oscillator
   – Programmable Watchdog Timer with Separate On-chip Oscillator
   – On-chip Analog Comparator
• Special Microcontroller Features
   – Power-on Reset and Programmable Brown-out Detection
   – External and Internal Interrupt Sources
   – Three Sleep Modes: Idle, Power Save and Power-down
• I/O and Packages
   – 35 Programmable I/O Lines
   – 40-pin PDIP, 44-pin PLCC and TQFP
• Operating Voltages
   – 2.7V - 5.5V (ATmega161L), 4.0V - 5.5V (ATmega161)
• Speed Grades
   – 0 - 4 MHz (ATmega161L), 0 - 8 MHz (ATmega161)
• Commercial and Industrial Temperature Ranges




Similar Part No. - ATMEGA161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA161 ATMEL-ATMEGA161 Datasheet
1Mb / 159P
8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
ATmega161 ATMEL-ATmega161 Datasheet
2Mb / 61P
AVR Studio Compatible
Rev. 1925C-AVR-3/03
ATMEGA161-4AC ATMEL-ATMEGA161-4AC Datasheet
1Mb / 159P
8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
ATMEGA161-4AI ATMEL-ATMEGA161-4AI Datasheet
1Mb / 159P
8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
ATMEGA161-4PC ATMEL-ATMEGA161-4PC Datasheet
1Mb / 159P
8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
More results


Similar Description - ATMEGA161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_07 Datasheet
376Kb / 21P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216 Datasheet
782Kb / 25P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com