Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA163 Datasheet (PDF) - ATMEL Corporation

ATMEGA163 Datasheet PDF - ATMEL Corporation
Part # ATMEGA163
Download  ATMEGA163 Download
File Size   2207.73 Kbytes
Page   187 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K Bytes In-System Programmable Flash

ATMEGA163 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA163 Datasheet PDF - ATMEL Corporation

Part # ATMEGA163
Download  ATMEGA163 Click to download

File Size   2207.73 Kbytes
Page   187 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K Bytes In-System Programmable Flash

ATMEGA163 Datasheet (HTML) - ATMEL Corporation


ATMEGA163 Product details

Description
The ATmega163 is a low-power CMOS 8-bit microcontroller based on the AVR architecture. By executing powerful instructions in a single clock cycle, the ATmega163 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers.

Features
• High-performance, Low-power AVR® 8-bit Microcontroller
   – 130 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
   – Up to 8 MIPS Throughput at 8 MHz
   – On-chip 2-cycle Multiplier
• Nonvolatile Program and Data Memories
• Self-programming In-System Programmable Flash Memory
   – 16K Bytes with Optional Boot Block (256 - 2K Bytes)
      Endurance: 1,000 Write/Erase Cycles
   – Boot Section Allows Reprogramming of Program Code without External Programmer
   – Optional Boot Code Section with Independent Lock Bits
   – 512 Bytes EEPROM
      Endurance: 100,000 Write/Erase Cycles
   – 1024 Bytes Internal SRAM
   – Programming Lock for Software Security
• Peripheral Features
   – Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
   – One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode
   – Real Time Clock with Separate Oscillator and Counter Mode
   – Three PWM Channels
   – 8-channel, 10-bit ADC
   – Byte-oriented Two-wire Serial Interface
   – Programmable Serial UART
   – Master/Slave SPI Serial Interface
   – Programmable Watchdog Timer with Separate On-chip Oscillator
   – Analog Comparator
• Special Microcontroller Features
   – Power-on Reset and Programmable Brown-out Detection
   – Internal Calibrated RC Oscillator
   – External and Internal Interrupt Sources
   – Four Sleep Modes: Idle, ADC Noise Reduction, Power-save, and Power-down
• Power Consumption at 4 MHz, 3.0V, 25°C
   – Active 5.0 mA
   – Idle Mode 1.9 mA
   – Power-down Mode < 1 µA
• I/O and Packages
   – 32 Programmable I/O Lines
   – 40-pin PDIP and 44-pin TQFP
• Operating Voltages
   – 2.7 - 5.5V for ATmega163L
   – 4.0 - 5.5V for ATmega163
• Speed Grades
   – 0 - 4 MHz for ATmega163L
   – 0 - 8 MHz for ATmega163




Similar Part No. - ATMEGA163

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATmega163 ATMEL-ATmega163 Datasheet
2Mb / 61P
AVR Studio Compatible
Rev. 1925C-AVR-3/03
ATMEGA163 ATMEL-ATMEGA163_14 Datasheet
2Mb / 187P
Nonvolatile Program and Data Memories
More results


Similar Description - ATMEGA163

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_07 Datasheet
376Kb / 21P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216 Datasheet
782Kb / 25P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com