Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATV2500B Datasheet (PDF) - ATMEL Corporation

ATV2500B Datasheet PDF - ATMEL Corporation
Part # ATV2500B
Download  ATV2500B Download
File Size   868.0 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High-Speed High-Density UV Erasable Programmable Logic Device

ATV2500B Datasheet (PDF)

Go To PDF Page Download Datasheet
ATV2500B Datasheet PDF - ATMEL Corporation

Part # ATV2500B
Download  ATV2500B Click to download

File Size   868.0 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High-Speed High-Density UV Erasable Programmable Logic Device

ATV2500B Datasheet (HTML) - ATMEL Corporation


ATV2500B Product details

Description
The ATV2500Bs are the highest density PLDs available in a 40- or 44-lead package. With their fully connected logic array and flexible macrocell structure, high-gate utilization is easily obtainable.

Features
• High-performance, High-density Programmable Logic Device
    – Typical 7 ns Pin-to-pin Delay
    – Fully Connected Logic Array with 416 Product Terms
• Flexible Output Macrocell
    – 48 Flip-flops – Two per Macrocell
    – 72 Sum Terms
    – All Flip-flops, I/O Pins Feed in Independently
    – Achieves Over 80% Gate Utilization
• Enhanced Macrocell Configuration Selections
    – D- or T-type Flip-flops
    – Product Term or Direct Input Pin Clocking
    – Registered or Combinatorial Internal Feedback
• Several Power Saving Options
• Backward Compatible with ATV2500H/L Software
• Proven and Reliable High-speed UV EPROM Process
• Reprogrammable – Tested 100% for Programmability
• 40-lead Dual-in-line and 44-lead Surface Mount Packages




Similar Part No. - ATV2500B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
ATV2500BQ ATMEL-ATV2500BQ_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
ATV2500B ATMEL-ATV2500B_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
More results


Similar Description - ATV2500B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
Low-Voltage UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
High-Density UV-Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
High Density UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
High-Speed UV-Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
High Speed UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
High Speed UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
High Density UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
High-performance, High-density, Electrically-erasable Programmable Logic Device
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com