Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2117 Datasheet (PDF) - ATMEL Corporation

T2117 Datasheet PDF - ATMEL Corporation
Part # T2117
Download  T2117 Download
File Size   80.22 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Zero-Voltage Switch with Adjustable Ramp

T2117 Datasheet (PDF)

Go To PDF Page Download Datasheet
T2117 Datasheet PDF - ATMEL Corporation

Part # T2117
Download  T2117 Click to download

File Size   80.22 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Zero-Voltage Switch with Adjustable Ramp

T2117 Datasheet (HTML) - ATMEL Corporation


T2117 Product details

Description
The integrated circuit, T2117, is designed as a zero-voltage switch in bipolar technology. It is used to control resistive loads at mains by a triac in zero-crossing mode. A ramp generator allows power control function by period group control, whereas full-wave logic guarantees that full mains cycles are used for load switching.

Features
• Direct Supply from the Mains
• Current Consumption ≤0.5 mA
• Very Few External Components
• Full-wave Drive – No DC Current Component in the Load Circuit
• Negative Output Current Pulse
   Typically 100 mA – Short-circuit Protected
• Simple Power Control
• Ramp Generator
• Reference Voltage

Applications
• Full-wave Power Control
• Temperature Regulation
• Power Blinking Switch




Similar Part No. - T2117

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2117 ATMEL-T2117 Datasheet
265Kb / 16P
Zero-voltage Switch with Adjustable Ramp
T2117-3ASY ATMEL-T2117-3ASY Datasheet
265Kb / 16P
Zero-voltage Switch with Adjustable Ramp
T2117-TAQY ATMEL-T2117-TAQY Datasheet
265Kb / 16P
Zero-voltage Switch with Adjustable Ramp
T2117-TASY ATMEL-T2117-TASY Datasheet
265Kb / 16P
Zero-voltage Switch with Adjustable Ramp
More results


Similar Description - T2117

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
ZERO VOLTAGE SWITCH
logo
TEMIC Semiconductors
TEA1024 TEMIC-TEA1024 Datasheet
114Kb / 8P
Zero Voltage Switch with Fixed Ramp
U217B TEMIC-U217B Datasheet
296Kb / 12P
Zero-Voltage Switch with Adjustable Ramp
logo
Siemens Semiconductor G...
BRT21 SIEMENS-BRT21 Datasheet
345Kb / 6P
SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
ZERO VOLTAGE SWITCH
logo
Unisonic Technologies
A2804 UTC-A2804 Datasheet
39Kb / 4P
ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
Zero Voltage Switch
July, 2006 ??Rev. 2
logo
ATMEL Corporation
T2117 ATMEL-T2117 Datasheet
265Kb / 16P
Zero-voltage Switch with Adjustable Ramp
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com