Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5.0A Datasheet (PDF) - Motorola, Inc

SA5.0A Datasheet PDF - Motorola, Inc
Part # SA5.0A
Download  SA5.0A Download
File Size   50.68 Kbytes
Page   3 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS

SA5.0A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5.0A Datasheet PDF - Motorola, Inc

Part # SA5.0A
Download  SA5.0A Click to download

File Size   50.68 Kbytes
Page   3 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS

SA5.0A Datasheet (HTML) - Motorola, Inc


SA5.0A Product details

The SA5.0A series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability, low zener impedance and fast response time. The SA5.0A series is supplied in Motorola’s exclusive, cost-effective, highly reliable Surmetic axial leaded package and is ideally-suited for use in communication systems, numerical controls, process controls, medical equip ment, business machines, power supplies and many other industrial/consumer applications.

Specification Features:
• Stand-off Zener Voltage Range — 5 to 170 V
• Peak Power — 500 Watts @ 1 ms
• Maximum Clamp Voltage @ Peak Pulse Current
• Low Leakage < 1 µA Above 8.5 Volts
• Maximum Temperature Coefficient Specified
• Response Time is Typically Less than 1 ns




Similar Part No. - SA5.0A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA5.0A PANJIT-SA5.0A Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA5.0A WTE-SA5.0A Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA5.0A BYTES-SA5.0A Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA5.0A DCCOM-SA5.0A Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA5.0A EIC-SA5.0A Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA5.0A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
logo
Motorola, Inc
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
Zener Overvoltage Transient Suppressors
logo
ON Semiconductor
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1N6267A ONSEMI-1N6267A_07 Datasheet
77Kb / 7P
1500 Watt Mosorb TM Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
1N6373 ONSEMI-1N6373_05 Datasheet
79Kb / 8P
1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
December, 2005 ??Rev. 4
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com