Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0077BA03192S Datasheet (PDF) - API Technologies Corp

SF0077BA03192S Datasheet PDF - API Technologies Corp
Part # SF0077BA03192S
Download  SF0077BA03192S Download
File Size   149.34 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 76.8 MHz SAW Filter 40 MHz Bandwidth

SF0077BA03192S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0077BA03192S Datasheet PDF - API Technologies Corp

Part # SF0077BA03192S
Download  SF0077BA03192S Click to download

File Size   149.34 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 76.8 MHz SAW Filter 40 MHz Bandwidth

SF0077BA03192S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0077BA03192S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0077BA03185S APITECH-SF0077BA03185S Datasheet
156Kb / 3P
76.8 MHz SAW Filter 40 MHz Bandwidth
More results


Similar Description - SF0077BA03192S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA03067S ICST-SF0070BA03067S Datasheet
246Kb / 2P
70 MHz Filter 40 MHz Bandwidth
Rev X6
logo
API Technologies Corp
SF0077BA03185S APITECH-SF0077BA03185S Datasheet
156Kb / 3P
76.8 MHz SAW Filter 40 MHz Bandwidth
SF0077BA03082S APITECH-SF0077BA03082S Datasheet
170Kb / 3P
76.8 MHz SAW Filter 14.24 MHz Bandwidth
SF0077BA03000S APITECH-SF0077BA03000S Datasheet
182Kb / 3P
76.8 MHz SAW Filter 20 MHz Bandwidth
SF0077BA02499S APITECH-SF0077BA02499S Datasheet
160Kb / 3P
76.8 MHz SAW Filter 20 MHz Bandwidth
SF0070BA03067S APITECH-SF0070BA03067S Datasheet
247Kb / 2P
70 MHz Filter 40 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0898BA02546S SPECTRUM-SF0898BA02546S Datasheet
298Kb / 4P
897.5 MHz SAW Filter 40 MHz Bandwidth
logo
API Technologies Corp
SF0898BA02546S APITECH-SF0898BA02546S Datasheet
298Kb / 4P
897.5 MHz SAW Filter 40 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2242B MURATA-SF2242B Datasheet
895Kb / 5P
40 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0318C TAI-SAW-TB0318C Datasheet
512Kb / 8P
SAW Filter 40 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com