Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68302 Datasheet (PDF) - ATMEL Corporation

TS68302 Datasheet PDF - ATMEL Corporation
Part # TS68302
Download  TS68302 Download
File Size   1149.43 Kbytes
Page   47 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Integrated Multiprotocol Processor IMP

TS68302 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS68302 Datasheet PDF - ATMEL Corporation

Part # TS68302
Download  TS68302 Click to download

File Size   1149.43 Kbytes
Page   47 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Integrated Multiprotocol Processor IMP

TS68302 Datasheet (HTML) - ATMEL Corporation


TS68302 Product details

Description
The IMP is a very large-scale integration (VLSI) device incorporating the main building blocks needed for the design of a wide variety of controllers. The device is especially suitable to applications in the communications industry. The IMP is the first device to offer the benefits of a closely coupled, industry-standard, TS68000/TS68008 microprocessor core and a flexible communications architecture.

Features
• TS68000/TS68008 Microprocessor Core Supporting a 16- or 8-bit TS68000 Family
• System Integration Block Including:
    – Independent Direct Memory Access (IDMA) Controller
    – Interrupt Controller with Two Modes of Operation
    – Parallel Input/output (I/O) Ports, some with Interrupt Capability
    – On-chip Usable 1152 bytes of Dual-port Random-access Memory (RAM)
    – Three Timers, including a Watchdog Timer
    – Four Programmable Chip-select Lines with Wait-state Logic
    – Programmable Address Mapping of Dual-port RAM and IMP Registers
    – On-chip Clock Generator with an Output Clock Signal
    – System Control:
        System Control Register
        Bus Arbitration Logic with Low Interrupt Latency Support
        Hardware Watchdog for Monitoring Bus Activity
        Low Power (Standby) Modes
        Disable CPU Logic (TS68000)
        Freeze Control for Debugging Selected On-chip Peripherals
        DRAM Refresh Controller
• Communications Processor Including:
    – Main Controller (RISC Processor)
    – Three Full-duplex Serial Communication Controllers (SCCs)
    – Six Serial Direct Memory Access (SDMA) Channels Dedicated to the Three SCCs
    – Flexible Physical Interface Accessible by SCCs for Interchip Digital Link (IDL)
        General Circuit Interface (GCI, see note), Pulse Code Modulation (PCM), and
        Nonmultiplexed Serial Interface (NMSI) Operation
    – Serial Communication Port (SCP) for Synchronous Communication, Clock Rate up to 4.096 MHz
    – Serial Management Controllers (SMCs) for IDL and GCI Channels
• Frequency of Operation: 16.67 MHz
• Power Supply: 5 VDC ± 10%




Similar Part No. - TS68302

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
High performance 32-bit integrated microcontroller
TS68332 ATMEL-TS68332 Datasheet
1Mb / 57P
High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 56P
High performance 32-bit integrated microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 57P
High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01ZA ATMEL-TS68332DESC01ZA Datasheet
1Mb / 56P
High performance 32-bit integrated microcontroller
More results


Similar Description - TS68302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EN302 MOTOROLA-MC68EN302 Datasheet
223Kb / 8P
Integrated Multiprotocol Processor with Ethernet
MC68PM302 MOTOROLA-MC68PM302 Datasheet
810Kb / 6P
Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68QH302 FREESCALE-MC68QH302 Datasheet
255Kb / 6P
Quad HDLC Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68QH302 MOTOROLA-MC68QH302 Datasheet
26Kb / 6P
Quad HDLC Integrated Multiprotocol Processor
logo
Freescale Semiconductor...
MC68LC302 FREESCALE-MC68LC302 Datasheet
569Kb / 6P
Low Cost Integrated Multiprotocol Processor
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
Integrated Multiprotocol Processor with Ethernet
MC68LC302AF20VCT FREESCALE-MC68LC302AF20VCT Datasheet
570Kb / 6P
Low Cost Integrated Multiprotocol Processor
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
Low Cost Integrated Multiprotocol Processor
MC68LC302CAF16CT FREESCALE-MC68LC302CAF16CT Datasheet
570Kb / 6P
Low Cost Integrated Multiprotocol Processor
logo
NXP Semiconductors
MC68PM302 NXP-MC68PM302 Datasheet
868Kb / 6P
Integrated Multiprotocol Processor with PCMCIA
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com