Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68C429A Datasheet (PDF) - ATMEL Corporation

TS68C429A Datasheet PDF - ATMEL Corporation
Part # TS68C429A
Download  TS68C429A Download
File Size   1638.33 Kbytes
Page   43 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT

TS68C429A Datasheet (PDF)

Go To PDF Page Download Datasheet
TS68C429A Datasheet PDF - ATMEL Corporation

Part # TS68C429A
Download  TS68C429A Click to download

File Size   1638.33 Kbytes
Page   43 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT

TS68C429A Datasheet (HTML) - ATMEL Corporation


TS68C429A Product details

Description

The TS68C429A is an ARINC 429 controller. It is an enhanced version of the EF 4442 and it is designed to be connected to the new 16- or 32-bit microprocessors, especially these of the Atmel TS68K family.



Features

• 8 Independent Receivers (Rx)

• 3 Independent Transmitters (Tx)

• Full TS68K Family Microprocessor Interface Compatibility

• 16-bit Data-bus

• ARINC 429 Interface: “1” and “0” Lines, RZ Code

• Support all ARINC 429 Data Rate Transfer and up to 2.5 Mbit/s

• Multi Label Capability

• Parity Control: Odd, Even, No Parity, Interrupt Capability

• Independent Programmable Frequency for Rx and Tx Channels

• 8 Messages FIFO per Tx Channel

• Independent Interrupt Request Line for Rx and Tx Functions

• Vectored Interrupts

• Daisy Chain Capability

• Direct Addressing of all Registers

• Test Modes Capability

• 20 MHz Operating Frequency

• Self-test Capability for Receiver Label Memories and Transmit FiFO

• Low Power: 400 mW




Similar Part No. - TS68C429A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS68C429A ETC2-TS68C429A Datasheet
1Mb / 46P
CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
More results


Similar Description - TS68C429A

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-6010 HOLTIC-HI-6010_06 Datasheet
115Kb / 12P
ARINC 429 TRANSMITTER/RECEIVER FOR 8 BIT BUS
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
ARINC 429 Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
ARINC 429 Serial Transmitter and Dual Receiver
logo
List of Unclassifed Man...
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com