Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U642B Datasheet (PDF) - ATMEL Corporation

U642B Datasheet PDF - ATMEL Corporation
Part # U642B
Download  U642B Download
File Size   53.42 Kbytes
Page   7 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Interval- and Wipe/ Wash Wiper Control IC

U642B Datasheet (PDF)

Go To PDF Page Download Datasheet
U642B Datasheet PDF - ATMEL Corporation

Part # U642B
Download  U642B Click to download

File Size   53.42 Kbytes
Page   7 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Interval- and Wipe/ Wash Wiper Control IC

U642B Datasheet (HTML) - ATMEL Corporation


U642B Product details

Description

The U642B is a bi-polar integrated circuit designed for the wiper application in the automotive market. It includes wipe, wash and internal mode.



Features

• Interval Pause: 4s to 20s

• After-wiping Time: 2s to 20s

• Wiper Motor’s Park Switch

• Wipe/Wash Mode Priority

• One External Capacitor Determines All Time Sequences

• Relay Driver with Z-diode

• Interference Protection According to VDE 0839 or ISO/TR 7637/1

• Load-dump Protected



 




Similar Part No. - U642B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U642B TEMIC-U642B Datasheet
95Kb / 6P
Automotive Wipe/Wash or Interval Switch
logo
ATMEL Corporation
U642B ATMEL-U642B Datasheet
195Kb / 12P
Interval- and Wipe/ Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
241Kb / 12P
Interval and Wipe/Wash Wiper Control IC
logo
TEMIC Semiconductors
U642B-FP TEMIC-U642B-FP Datasheet
95Kb / 6P
Automotive Wipe/Wash or Interval Switch
logo
ATMEL Corporation
U642B-MFPG3Y ATMEL-U642B-MFPG3Y Datasheet
195Kb / 12P
Interval- and Wipe/ Wash Wiper Control IC
More results


Similar Description - U642B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U641B ATMEL-U641B Datasheet
167Kb / 10P
INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
Rear Wiper Interval/Wipe-Wash Control
logo
ATMEL Corporation
U2640B ATMEL-U2640B Datasheet
85Kb / 10P
Intemittent- and Wipe/ Wash Control for Wiper Systems
U641B ATMEL-U641B_05 Datasheet
197Kb / 12P
Interval and Wipe/Wash Wiper Control IC with Delay
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
Interval- and Wipe/ Wash Wiper Control IC
U641B ATMEL-U641B_07 Datasheet
243Kb / 12P
Interval and Wipe/Wash Wiper Control IC with Delay
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
Interval and Wipe/Wash Wiper Control IC
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
INTERVAL AND WIPE/WASH WIPER CONTROL IC
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
INTERVAL- and WIPE/WASH WIPER CONTROL IC
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com