Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F530SL Datasheet (PDF) - Fox Electronics

F530SL Datasheet PDF - Fox Electronics
Part # F530SL
Download  F530SL Download
File Size   110.22 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.3V HCSL Oscillator

F530SL Datasheet (PDF)

Go To PDF Page Download Datasheet
F530SL Datasheet PDF - Fox Electronics

Part # F530SL
Download  F530SL Click to download

File Size   110.22 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.3V HCSL Oscillator

F530SL Datasheet (HTML) - Fox Electronics




Similar Part No. - F530SL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
F5305S VBSEMI-F5305S Datasheet
178Kb / 7P
P-Channel 60 V (D-S) MOSFET
logo
List of Unclassifed Man...
F530L ETC2-F530L Datasheet
89Kb / 1P
3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
logo
Fox Electronics
F530L FOX-F530L Datasheet
188Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530L FOX-F530L Datasheet
234Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F530LA FOX-F530LA Datasheet
189Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
More results


Similar Description - F530SL

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F740SL FOX-F740SL Datasheet
526Kb / 2P
2.5V HCSL Oscillator
logo
Pericom Semiconductor C...
NX324 PERICOM-NX324 Datasheet
475Kb / 2P
2.5V/3.3V HCSL XO
NX504 PERICOM-NX504 Datasheet
609Kb / 2P
2.5/3.3V HCSL XO
NX704 PERICOM-NX704 Datasheet
578Kb / 2P
2.5V/3.3V HCSL XO
NX254 PERICOM-NX254 Datasheet
510Kb / 2P
2.5V/3.3V HCSL XO
logo
Fox Electronics
O3SL FOX-O3SL Datasheet
217Kb / 3P
3.2x2.5mm HCSL SMD Oscillator
O7SL FOX-O7SL Datasheet
220Kb / 4P
HCSL 7x5mm SMD Oscillator
logo
AiT Semiconductor Inc.
KOH3225 AITSEMI-KOH3225 Datasheet
251Kb / 1P
HCSL CRYSTAL OSCILLATOR
KOH5032 AITSEMI-KOH5032 Datasheet
288Kb / 1P
HCSL CRYSTAL OSCILLATOR
KOH7050 AITSEMI-KOH7050 Datasheet
247Kb / 1P
HCSL CRYSTAL OSCILLATOR
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com