Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA540 Datasheet (PDF) - Fox Electronics

FA540 Datasheet PDF - Fox Electronics
Part # FA540
Download  FA540 Download
File Size   372.58 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.5V HCMOS Automotive Grade SMD Oscillator

FA540 Datasheet (PDF)

Go To PDF Page Download Datasheet
FA540 Datasheet PDF - Fox Electronics

Part # FA540
Download  FA540 Click to download

File Size   372.58 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.5V HCMOS Automotive Grade SMD Oscillator

FA540 Datasheet (HTML) - Fox Electronics




Similar Part No. - FA540

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA510 FOX-FA510 Datasheet
499Kb / 2P
1.8V HCMOS Automotive Grade SMD Oscillator
FA530 FOX-FA530 Datasheet
372Kb / 2P
3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
Bipolar IC For Switching Power Supply Control
More results


Similar Description - FA540

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4400 FOX-F4400 Datasheet
202Kb / 2P
HCMOS, 7.5x5mm, 2.5V, SMD Oscillator
F547 FOX-F547 Datasheet
220Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F340 FOX-F340 Datasheet
85Kb / 2P
HCMOS 3.2x2.5mm 2.5V SMD Oscillator
FA510 FOX-FA510 Datasheet
499Kb / 2P
1.8V HCMOS Automotive Grade SMD Oscillator
FA530 FOX-FA530 Datasheet
372Kb / 2P
3.3V HCMOS Automotive Grade SMD Oscillator
FA4100 FOX-FA4100 Datasheet
404Kb / 2P
3.3V HCMOS Automotive Grade SMD Oscillator
FA4400 FOX-FA4400 Datasheet
404Kb / 2P
2.5V HCMOS Automotive Grade SMD Oscillator
FA4500 FOX-FA4500 Datasheet
404Kb / 2P
1.8V HCMOS Automotive Grade SMD Oscillator
F240TS FOX-F240TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 2.5V SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com