Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1832 Datasheet (PDF) - Toshiba Semiconductor

2SA1832 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1832
Download  2SA1832 Download
File Size   208.58 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)

2SA1832 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1832 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1832
Download  2SA1832 Click to download

File Size   208.58 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)

2SA1832 Datasheet (HTML) - Toshiba Semiconductor


2SA1832 Product details

Audio Frequency General Purpose Amplifier Applications

• High voltage and high current: VCEO = −50 V, IC = −150 mA (max)
• Excellent hFE linearity: hFE (IC = −0.1 mA)/ hFE (IC = −2 mA) = 0.95 (typ.)
• High hFE: hFE = 70 to 400
• Complementary to 2SC4738
• Small package




Similar Part No. - 2SA1832

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832 TOSHIBA-2SA1832 Datasheet
150Kb / 2P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SA1832 TEL-2SA1832 Datasheet
98Kb / 2P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1832 TOSHIBA-2SA1832 Datasheet
384Kb / 3P
Audio Frequency General Purpose Amplifier Applications
logo
Sensitron
2SA1832 SENSITRON-2SA1832 Datasheet
134Kb / 3P
Audio Frequency General Purpose Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1832 KEXIN-2SA1832 Datasheet
37Kb / 1P
Silicon PNP Epitaxial Type Transistor
More results


Similar Description - 2SA1832

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN2967 TOSHIBA-RN2967 Datasheet
278Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1015-YTPE2 TOSHIBA-2SA1015-YTPE2 Datasheet
196Kb / 3P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1162-Y TOSHIBA-2SA1162-Y Datasheet
178Kb / 3P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1241-O TOSHIBA-2SA1241-O Datasheet
189Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com