Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0060BA03212T Datasheet (PDF) - API Technologies Corp

SF0060BA03212T Datasheet PDF - API Technologies Corp
Part # SF0060BA03212T
Download  SF0060BA03212T Download
File Size   149.04 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 60 MHz SAW Filter 1.26 MHz Bandwidth

SF0060BA03212T Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0060BA03212T Datasheet PDF - API Technologies Corp

Part # SF0060BA03212T
Download  SF0060BA03212T Click to download

File Size   149.04 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 60 MHz SAW Filter 1.26 MHz Bandwidth

SF0060BA03212T Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0060BA03212T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0060BA03213T APITECH-SF0060BA03213T Datasheet
146Kb / 3P
60 MHz SAW Filter 6.15 MHz Bandwidth
SF0060BA03214T APITECH-SF0060BA03214T Datasheet
144Kb / 3P
60 MHz SAW Filter 7.8 MHz Bandwidth
More results


Similar Description - SF0060BA03212T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070CD02386S ICST-SF0070CD02386S Datasheet
105Kb / 2P
69.99 MHz Bandpass Filter 1.26 MHz bandwidth
Rev X4
logo
API Technologies Corp
SF0070CD21803T APITECH-SF0070CD21803T Datasheet
150Kb / 3P
69.99 MHz SAW Filter 1.26 MHz Bandwidth
SF0070CD02386S APITECH-SF0070CD02386S Datasheet
174Kb / 3P
69.99 MHz SAW Filter 1.26 MHz Bandwidth
SF0060CN02291T APITECH-SF0060CN02291T Datasheet
122Kb / 3P
60 MHz SAW Filter 7.8 MHz bandwidth
SF0060CN02289T APITECH-SF0060CN02289T Datasheet
117Kb / 3P
60 MHz SAW Filter 0.63 MHz bandwidth
logo
Spectrum Microwave, Inc...
SF1880BA02524S SPECTRUM-SF1880BA02524S Datasheet
331Kb / 4P
1880 MHz SAW Filter 60 MHz Bandwidth
logo
API Technologies Corp
SF1960BA02525S APITECH-SF1960BA02525S Datasheet
138Kb / 3P
1960 MHz SAW Filter 60 MHz Bandwidth
logo
Oscilent Corporation
819-IF160.0M-F OSCILENT-819-IF160.0M-F_14 Datasheet
231Kb / 4P
160.0 MHz Bandpass Filter 1.26 MHz Bandwidth
820-IF160.0M-F OSCILENT-820-IF160.0M-F_14 Datasheet
149Kb / 4P
160.0 MHz Bandpass Filter 1.26 MHz Bandwidth
logo
Transko Electronics, In...
TA160FD TRANSKO-TA160FD Datasheet
407Kb / 3P
160.0 MHz IF SAW Filter / 1.26 MHz Bandwidth
Revision 1: 29. Oct. 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com