Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8591 Datasheet (PDF) - Analog Devices

AD8591 Datasheet PDF - Analog Devices
Part # AD8591
Download  AD8591 Download
File Size   408.52 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown

AD8591 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8591 Datasheet PDF - Analog Devices

Part # AD8591
Download  AD8591 Click to download

File Size   408.52 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown

AD8591 Datasheet (HTML) - Analog Devices


AD8591 Product details

GENERAL DESCRIPTION
The AD8591, AD8592, and AD8594 are single, dual, and quad rail-to-rail, input and output single-supply amplifiers featuring 250 mA output drive current and a power saving shutdown mode. The AD8592 includes an independent shutdown function for each amplifier. When both amplifiers are in shutdown mode, the total supply current is reduced to less than 1 μA. The AD8591 and AD8594 include a single master shutdown function that reduces the total supply current to less than 1 μA. All amplifier outputs are in a high impedance state when in shutdown mode.
   
FEATURES
    Single-supply operation: 2.5 V to 6 V
    High output current: ±250 mA
    Extremely low shutdown supply current: 100 nA
    Low supply current: 750 μA/Amp
    Wide bandwidth: 3 MHz
    Slew rate: 5 V/μs
    No phase reversal
    Very low input bias current
    High impedance outputs when in shutdown mode
    Unity-gain stable
   
APPLICATIONS
    Mobile communication handset audio
    PC audio
    PCMCIA/modem line driving
    Battery-powered instrumentation
    Data acquisition
    ASIC input or output amplifiers
    LCD display reference level drivers
   




Similar Part No. - AD8591

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
AD8591 AD-AD8591 Datasheet
706Kb / 20P
Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
AD8591 AD-AD8591 Datasheet
804Kb / 19P
Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
AD8591 AD-AD8591 Datasheet
407Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8591ART AD-AD8591ART Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
More results


Similar Description - AD8591

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8591 AD-AD8591_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com