Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MODZ Datasheet (PDF) - MMD Components

MODZ Datasheet PDF - MMD Components
Part # MODZ_12
Download  MODZ Download
File Size   126.87 Kbytes
Page   2 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description MODZ Series 2??Square, 5 Pin OCXO

MODZ Datasheet (PDF)

Go To PDF Page Download Datasheet
MODZ Datasheet PDF - MMD Components

Part # MODZ_12
Download  MODZ Click to download

File Size   126.87 Kbytes
Page   2 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description MODZ Series 2??Square, 5 Pin OCXO

MODZ Datasheet (HTML) - MMD Components




Similar Part No. - MODZ_12

ManufacturerPart #DatasheetDescription
logo
MMD Components
MODZ12 MMD-MODZ12 Datasheet
126Kb / 2P
Oven Controlled Oscillator
MODZ12S001A MMD-MODZ12S001A Datasheet
147Kb / 1P
Oven Controlled Oscillator
MODZ12S001B MMD-MODZ12S001B Datasheet
147Kb / 1P
Oven Controlled Oscillator
MODZ12S001C MMD-MODZ12S001C Datasheet
147Kb / 1P
Oven Controlled Oscillator
MODZ12S001D MMD-MODZ12S001D Datasheet
147Kb / 1P
Oven Controlled Oscillator
More results


Similar Description - MODZ_12

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4741 POMONA-4741 Datasheet
51Kb / 1P
Square Pin Square Pin
logo
List of Unclassifed Man...
LEDX-5 ETC2-LEDX-5 Datasheet
124Kb / 2P
LEDX Series - 2 Pin Square 5mm x 5mm
logo
MMD Components
MOAH MMD-MOAH_12 Datasheet
108Kb / 2P
MOAH & MOAZ Series ??1??Square, 5 Pin OCXO
MOCH MMD-MOCH_12 Datasheet
111Kb / 2P
MOCH & MOCZ Series 1.5??Square, 5 Pin OCXO
MOEH MMD-MOEH_12 Datasheet
112Kb / 2P
MOEH & MOEZ Series ??Euro Package 5 Pin OCXO
MOFH MMD-MOFH_12 Datasheet
122Kb / 2P
MOFH & MOFZ Series ??14 Pin Dip OCXO
logo
ERNI Electronics
394891 ERNI-394891 Datasheet
46Kb / 1P
CCA M12, 5 pin/2 x M12, 5 pin
394893 ERNI-394893 Datasheet
60Kb / 1P
CCA M12, 5 pin/2 x M12, 5 pin
logo
EUROQUARTZ limited
OC51T EUROQUARTZ-OC51T Datasheet
280Kb / 2P
SMD Minature Square Wave OCXO
logo
Transko Electronics, In...
OX-A1 TRANSKO-OX-A1 Datasheet
426Kb / 2P
OCXO 25.8 X 25.8 X 16mm SQUARE PACKAGE
Rev. 2: Mar. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com