Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP06GJ Datasheet (PDF) - Analog Devices

OP06GJ Datasheet PDF - Analog Devices
Part # OP06GJ
Download  OP06GJ Download
File Size   233.25 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Gain Instrumentation Operational Amplifier

OP06GJ Datasheet (PDF)

Go To PDF Page Download Datasheet
OP06GJ Datasheet PDF - Analog Devices

Part # OP06GJ
Download  OP06GJ Click to download

File Size   233.25 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Gain Instrumentation Operational Amplifier

OP06GJ Datasheet (HTML) - Analog Devices


OP06GJ Product details

GENERAL DESCRIPTION
The OP-O6 monolithic instrumentation operational amplifier is designed for accurate high-gain amplification of low level signals. High common-mode rejection reduces signal degradation when large common-mode voltages are present.

FEATURES
• VeryHigh Voltage Gain. . . . .. . . .. .. . . .. 1,000V/mV Mln
• Low Offset Voltage and Offset Current
• Low Drift vs. Temperature
   (TCVos) . . . . . . . .  0.8μV/°C Max
• Low Input Voltage and Current Noise
• Low Offset Voltage Drift with Time
• High Common-Mode Rejection. . . . . . . . . . .. 120dB Typ
• High Power Supply Rejection. . . . . . . . . . . . .. 2μV/V Max
• Wide Supply Range. . . . . . .. . .. .. .. . . .. ±3.0V to ±22V
• MIL-STD-883 Processing Available
• Slew Rate to  . . . . . . .. . .. .. .. . .  . .. .. 100V/μs
• Available in Die Form




Similar Part No. - OP06GJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP06GJ AD-OP06GJ Datasheet
233Kb / 5P
High-Gain Instrumentation Operational Amplifier
More results


Similar Description - OP06GJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
Programmable Gain Instrumentation Amplifier
REV.D
OP-05 AD-OP-05 Datasheet
424Kb / 8P
Instrumentation Operational Amplifier
OP-06 AD-OP-06 Datasheet
230Kb / 5P
High-Gain Instrumentation Operational Amplifier
logo
Fairchild Semiconductor
UA725 FAIRCHILD-UA725 Datasheet
397Kb / 12P
INSTRUMENTATION OPERATIONAL AMPLIFIER
logo
Analog Devices
OP05J AD-OP05J Datasheet
426Kb / 8P
Instrumentation Operational Amplifier
OP05AJ AD-OP05AJ Datasheet
426Kb / 8P
Instrumentation Operational Amplifier
OP06BJ AD-OP06BJ Datasheet
233Kb / 5P
High-Gain Instrumentation Operational Amplifier
OP-06 AD-OP-06_15 Datasheet
2Mb / 8P
HIGH GAIN INSTRUMENTATION OPERATIONAL AMPLIFIER
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
OP05 AD-OP05_15 Datasheet
428Kb / 8P
instrumentation Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com