Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP221GJ Datasheet (PDF) - Analog Devices

OP221GJ Datasheet PDF - Analog Devices
Part # OP221GJ
Download  OP221GJ Download
File Size   287.99 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Low Power Operational Amplifier, Single or Dual Supply

OP221GJ Datasheet (PDF)

Go To PDF Page Download Datasheet
OP221GJ Datasheet PDF - Analog Devices

Part # OP221GJ
Download  OP221GJ Click to download

File Size   287.99 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Low Power Operational Amplifier, Single or Dual Supply

OP221GJ Datasheet (HTML) - Analog Devices


OP221GJ Product details

GENERAL DESCRIPTION
The OP221 is a monolithic dual operational amplifier that can be used either in single or dual supply operation. The wide supply voltage range, wide input voltage range, and low supply current drain of the OP221 make it well-suited for operation from batteries or unregulated power supplies.

FEATURES
   Excellent TCVOS Match, 2 μV/°C Max
   Low Input Offset Voltage, 150 μV Max
   Low Supply Current, 550 μA Max
   Single Supply Operation, 5 V to 30 V
   Low Input Offset Voltage Drift, 0.75 μV/°C
   High Open-Loop Gain, 1500 V/mV Min
   High PSRR, 3 μV/V
   Wide Common-Mode Voltage
      Range, V– to within 1.5 V of V+
   Pin Compatible with 1458, LM158, LM2904
   Available in Die Form




Similar Part No. - OP221GJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP221GP AD-OP221GP Datasheet
193Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
09/01-Data Sheet changed from REV. 0 to REV. A.
OP221GS AD-OP221GS Datasheet
193Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
09/01-Data Sheet changed from REV. 0 to REV. A.
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GSZ AD-OP221GSZ Datasheet
287Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GZ AD-OP221GZ Datasheet
287Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
More results


Similar Description - OP221GJ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2132 NJRC-NJM2132 Datasheet
185Kb / 3P
SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-221 AD-OP-221 Datasheet
362Kb / 8P
DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221 AD-OP221 Datasheet
193Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
09/01-Data Sheet changed from REV. 0 to REV. A.
logo
Burr-Brown (TI)
OPA2631 BURR-BROWN-OPA2631 Datasheet
144Kb / 17P
Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
logo
Analog Devices
OP221GZ AD-OP221GZ Datasheet
287Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GSZ AD-OP221GSZ Datasheet
287Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP-21 AD-OP-21_15 Datasheet
1Mb / 6P
LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-421 AD-OP-421_15 Datasheet
267Kb / 6P
QUAD LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP221 AD-OP221_15 Datasheet
890Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com