Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3015 Datasheet (PDF) - America Semiconductor, LLC

1N3015 Datasheet PDF - America Semiconductor, LLC
Part # 1N3015
Download  1N3015 Download
File Size   1019.95 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description 10W Zener Diodes

1N3015 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3015 Datasheet PDF - America Semiconductor, LLC

Part # 1N3015
Download  1N3015 Click to download

File Size   1019.95 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description 10W Zener Diodes

1N3015 Datasheet (HTML) - America Semiconductor, LLC




Similar Part No. - 1N3015

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3015 MICROSEMI-1N3015 Datasheet
215Kb / 4P
10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N3015 NAINA-1N3015 Datasheet
115Kb / 1P
10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3015 NJSEMI-1N3015 Datasheet
67Kb / 1P
Ref/Reg Diode, 5W < P(D) S 10W
1N3015 NJSEMI-1N3015 Datasheet
291Kb / 2P
ZENER DIODES
logo
America Semiconductor, ...
1N3015 AMERICASEMI-1N3015 Datasheet
1Mb / 2P
Glass passivated junction
More results


Similar Description - 1N3015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Solid States Devices, I...
SZ6A7.5 SSDI-SZ6A7.5 Datasheet
146Kb / 2P
6.0W, 8.0W, and 10W 7.5 - 270 VOLTS ZENER DIODES
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Solid States Devices, I...
Z00005F SSDI-Z00005F Datasheet
147Kb / 2P
6.0W, 8.0W, and 10W 7.5 ??270 VOLTS ZENER DIODES
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com