Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTV-817 Datasheet (PDF) - Lite-On Technology Corporation

LTV-817 Datasheet PDF - Lite-On Technology Corporation
Part # LTV-817
Download  LTV-817 Download
File Size   600.39 Kbytes
Page   15 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description LITE-ON TECHNOLOGY CORPORATION Property of LITE-ON Only

LTV-817 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-817 Datasheet PDF - Lite-On Technology Corporation

Part # LTV-817
Download  LTV-817 Click to download

File Size   600.39 Kbytes
Page   15 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description LITE-ON TECHNOLOGY CORPORATION Property of LITE-ON Only

LTV-817 Datasheet (HTML) - Lite-On Technology Corporation


LTV-817 Product details

Applications
1. Computer terminals.
2. System appliances, measuring instruments.
3. Registers, copiers, automatic vending machines.
4. Electric home appliances such as fan heaters, etc.
5. Signal transmission between circuits of different potentials and impedances.

Features
Current transfer ratio
(CTR : MIN. 50% at IF=5mA, VCE=5V)
High input-output isolation voltage:
(VISO : 5,000Vrms)
Compact dual-in-line package
LTV-817 : 1-channel type
LTV-827 : 2-channel type
LTV-847 : 4-channel type

Options available :
-Leads with 0.4"(10.16mm)spacing (M Type)
-Leads bends for surface mounting(S Type)
-Tape and Reel of Type I for SMD(Add"-TA"Suffix)
-Tape and Reel of Type II for SMD(Add"-TA1"Suffix)
-VDE 0884 approvals (Add"-V"Suffix)




Similar Part No. - LTV-817

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817 Datasheet
560Kb / 14P
Property of Lite-On Only
logo
Shenzhen Tenand Technol...
LTV-817 TENAND-LTV-817 Datasheet
635Kb / 15P
Property of LITE-ON Only
LTV-817 TENAND-LTV-817 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
LTV-817-D LITEON-LTV-817-D Datasheet
600Kb / 15P
Current transfer ratio
More results


Similar Description - LTV-817

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com