Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4150 Datasheet (PDF) - Analog Devices

ADF4150 Datasheet PDF - Analog Devices
Part # ADF4150
Download  ADF4150 Download
File Size   486.58 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fractional-N/Integer-N PLL Synthesizer

ADF4150 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4150 Datasheet PDF - Analog Devices

Part # ADF4150
Download  ADF4150 Click to download

File Size   486.58 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fractional-N/Integer-N PLL Synthesizer

ADF4150 Datasheet (HTML) - Analog Devices


ADF4150 Product details

GENERAL DESCRIPTION
The ADF4150 allows implementation of fractional-N or integer-N phase-locked loop (PLL) frequency synthesizers if used with an external voltage-controlled oscillator (VCO), loop filter, and external reference frequency.

FEATURES
   Fractional-N synthesizer and integer-N synthesizer
   Programmable divide-by-1/-2/-4/-8/-16 output
   5.0 GHz RF bandwidth
   3.0 V to 3.6 V power supply
   1.8 V logic compatibility
   Separate charge pump supply (VP) allows extended tuning
      voltage in 3 V systems
   Programmable dual-modulus prescaler of 4/5 or 8/9
   Programmable output power level
   RF output mute function
   3-wire serial interface
   Analog and digital lock detect
   Switched bandwidth fast-lock mode
   Cycle slip reduction

APPLICATIONS
   Wireless infrastructure (W-CDMA, TD-SCDMA, WiMax, GSM,
      PCS, DCS, DECT)
   Test equipment
   Wireless LANs, CATV equipment
   Clock generation




Similar Part No. - ADF4150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
7/11-Revision 0
ADF4150HV AD-ADF4150HV Datasheet
640Kb / 28P
High Voltage, Fractional-N
REV. 0
ADF4150HVBCPZ AD-ADF4150HVBCPZ Datasheet
640Kb / 28P
High Voltage, Fractional-N
REV. 0
ADF4150HVBCPZ-RL7 AD-ADF4150HVBCPZ-RL7 Datasheet
640Kb / 28P
High Voltage, Fractional-N
REV. 0
More results


Similar Description - ADF4150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
10/03-Data Sheet changed from REV. A to REV. B.
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV.0
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
7/11-Revision 0
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
High Voltage, Fractional-N/Integer N PLL Synthesizer
7/2016-Revision 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
Integer-N/Fractional-N PLL Synthesizer
4/14-Revision 0
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
Integer N/Fractional-N, PLL Synthesizer
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
1/2019-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com