Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6045 Datasheet (PDF) - Boca Semiconductor Corporation

2N6045 Datasheet PDF - Boca Semiconductor Corporation
Part # 2N6045
Download  2N6045 Download
File Size   205.87 Kbytes
Page   4 Pages
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation
Description DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS

2N6045 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6045 Datasheet PDF - Boca Semiconductor Corporation

Part # 2N6045
Download  2N6045 Click to download

File Size   205.87 Kbytes
Page   4 Pages
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation
Description DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS

2N6045 Datasheet (HTML) - Boca Semiconductor Corporation


2N6045 Product details

DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS

. . . designed for general–purpose amplifier and low–speed switching applications.

FEATURES:
• Collector–Emitter Sustaining Voltage -
   VCEO(sus) = 60 V (Min) – 2N6040, 2N6043
                      = 80 V (Min) – 2N6041, 2N6044
                      = 100 V (Min) – 2N6042, 2N6045
• Collector–Emitter Saturation Voltage
   VCE(sat) = 2.0 V (Max) @ IC = 4.0 A – 2N6040, 41, 2N6043, 44
                   = 2.0 V (Max) @ IC = 4.0 A – 2N6042, 2N6045
• Monolithic Construction with Built–In Base–Emitter Shunt Resistors




Similar Part No. - 2N6045

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6045 MOSPEC-2N6045 Datasheet
199Kb / 4P
POWER TRANSISTORS(10A,80W)
logo
ON Semiconductor
2N6045 ONSEMI-2N6045 Datasheet
174Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 4
logo
Central Semiconductor C...
2N6045 CENTRAL-2N6045 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6045 ONSEMI-2N6045 Datasheet
114Kb / 8P
Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
2N6045 ONSEMI-2N6045 Datasheet
94Kb / 6P
Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
More results


Similar Description - 2N6045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results




About Boca Semiconductor Corporation


Boca Semiconductor Corporation was a semiconductor company based in Irvine, California, United States, that produced a wide range of semiconductor products including diodes, rectifiers, transistors, voltage regulators, and other electronic components.

The company was founded in 1965 as Boca Research, a manufacturer of laboratory equipment. In the early 1980s, the company shifted its focus to semiconductor products and changed its name to Boca Semiconductor Corporation. Boca Semiconductor was acquired by Allegro Microsystems in 2001, and the company's product lines were integrated into Allegro's semiconductor portfolio.

Boca Semiconductor had a reputation for producing high-quality, reliable products, and had a strong presence in the automotive, telecommunications, and industrial markets. The company's products were used in a wide range of applications, including power supplies, lighting, motor control, and audio amplification.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com