Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1220BA02539S Datasheet (PDF) - Spectrum Microwave, Inc.

SF1220BA02539S Datasheet PDF - Spectrum Microwave, Inc.
Part # SF1220BA02539S
Download  SF1220BA02539S Download
File Size   175.09 Kbytes
Page   5 Pages
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.
Description 1220 MHz SAW Filter 3.4 MHz Bandwidth

SF1220BA02539S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1220BA02539S Datasheet PDF - Spectrum Microwave, Inc.

Part # SF1220BA02539S
Download  SF1220BA02539S Click to download

File Size   175.09 Kbytes
Page   5 Pages
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.
Description 1220 MHz SAW Filter 3.4 MHz Bandwidth

SF1220BA02539S Datasheet (HTML) - Spectrum Microwave, Inc.




Similar Part No. - SF1220BA02539S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1220BA02539S APITECH-SF1220BA02539S Datasheet
175Kb / 5P
1220 MHz SAW Filter 3.4 MHz Bandwidth
More results


Similar Description - SF1220BA02539S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856183 TRIQUINT-856183 Datasheet
559Kb / 5P
1220 MHz SAW Filter
856184 TRIQUINT-856184 Datasheet
580Kb / 5P
1220 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0194A TAI-SAW-TA0194A Datasheet
297Kb / 5P
SAW Filter 1220 MHz
logo
RF Monolithics, Inc
SF2017D RFM-SF2017D Datasheet
178Kb / 4P
1220 MHz SAW Filter
SF2032E RFM-SF2032E Datasheet
166Kb / 5P
1220 MHz SAW Filter
SF2081E RFM-SF2081E Datasheet
614Kb / 4P
1220 MHz SAW Filter
SF2194E RFM-SF2194E Datasheet
475Kb / 5P
1220 MHz SAW Filter
logo
API Technologies Corp
SF0044BA02640S APITECH-SF0044BA02640S Datasheet
132Kb / 3P
44 MHz SAW Filter 3.4 MHz Bandwidth
SF1220BA02539S APITECH-SF1220BA02539S Datasheet
175Kb / 5P
1220 MHz SAW Filter 3.4 MHz Bandwidth
logo
TriQuint Semiconductor
856298 TRIQUINT-856298_15 Datasheet
376Kb / 6P
1220 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com