Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVUH Datasheet (PDF) - MMD Components

MVUH Datasheet PDF - MMD Components
Part # MVUH
Download  MVUH Download
File Size   109.3 Kbytes
Page   2 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description 5 x 3.2 VCXO Specification

MVUH Datasheet (PDF)

Go To PDF Page Download Datasheet
MVUH Datasheet PDF - MMD Components

Part # MVUH
Download  MVUH Click to download

File Size   109.3 Kbytes
Page   2 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description 5 x 3.2 VCXO Specification

MVUH Datasheet (HTML) - MMD Components




Similar Part No. - MVUH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MVUH2 MMD-MVUH2 Datasheet
109Kb / 2P
HCMOS Output
More results


Similar Description - MVUH

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GSR53 EUROQUARTZ-GSR53 Datasheet
94Kb / 1P
5 x 3.2 x 1.2mm SMD Sine Wave VCXO
MJ20 EUROQUARTZ-MJ20 Datasheet
235Kb / 1P
5 x 3.2 x 1.0mm SMD
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
5 x 3.2 x 0.9mm SMD
HM53R EUROQUARTZ-HM53R Datasheet
278Kb / 2P
5 x 3.2 x 1.2mm SMD - Specification Group R
logo
Transko Electronics, In...
TSMV3 TRANSKO-TSMV3 Datasheet
380Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 3: Jun. 2015
TSMV5 TRANSKO-TSMV5 Datasheet
390Kb / 1P
ULTRA MINIATURE CERAMIC SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: May 2015
TV32A TRANSKO-TV32A Datasheet
607Kb / 2P
MINIATURE CERAMIC SMD VCXO (3.2 x 2.5mm)
Rev. 4: Mar. 2016
TVI5 TRANSKO-TVI5 Datasheet
433Kb / 2P
LVDS MINIATURE SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: Jun. 2015
TVM36 TRANSKO-TVM36 Datasheet
162Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 0: Jan. 2020
TVP5 TRANSKO-TVP5 Datasheet
433Kb / 2P
LVPECL MINIATURE SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: Jun. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com