Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1060BA03211S Datasheet (PDF) - API Technologies Corp

SF1060BA03211S Datasheet PDF - API Technologies Corp
Part # SF1060BA03211S
Download  SF1060BA03211S Download
File Size   1166.11 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 1060 MHz SAW Filter, 700 kHz Bandwidth

SF1060BA03211S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1060BA03211S Datasheet PDF - API Technologies Corp

Part # SF1060BA03211S
Download  SF1060BA03211S Click to download

File Size   1166.11 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 1060 MHz SAW Filter, 700 kHz Bandwidth

SF1060BA03211S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF1060BA03211S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF1060BA03211S SPECTRUM-SF1060BA03211S Datasheet
1Mb / 3P
1060 MHz SAW Filter, 700 kHz Bandwidth
More results


Similar Description - SF1060BA03211S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0246BA02631S APITECH-SF0246BA02631S Datasheet
110Kb / 3P
246 MHz SAW Filter 200 KHz Bandwidth
SF0122BA03286S APITECH-SF0122BA03286S Datasheet
1Mb / 3P
121.5 MHz SAW Bandpass Filter, 25 kHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
SF0640BA03206S SPECTRUM-SF0640BA03206S Datasheet
1Mb / 3P
640 MHz SAW Filter, 100 kHz Bandwidth
logo
API Technologies Corp
SF0400BA02520S APITECH-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
SF0640BA03206S APITECH-SF0640BA03206S Datasheet
1Mb / 3P
640 MHz SAW Filter, 100 kHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1060BA03211S SPECTRUM-SF1060BA03211S Datasheet
1Mb / 3P
1060 MHz SAW Filter, 700 kHz Bandwidth
logo
API Technologies Corp
SF0917BA03231S APITECH-SF0917BA03231S Datasheet
1Mb / 3P
916.5 MHz SAW Bandpass Filter, 500 kHz Bandwidth
logo
Oscilent Corporation
821-SL20.0M-02A OSCILENT-821-SL20.0M-02A Datasheet
248Kb / 8P
20.0 MHz IF SAW Filter 241 kHz Bandwidth
logo
Transko Electronics, In...
TL071003AV1 TRANSKO-TL071003AV1 Datasheet
634Kb / 4P
71.00 MHz IF SAW Filter / 390.00 kHz Bandwidth
Revision 0: 20 Sep. 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com