Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2442BA02648S Datasheet (PDF) - API Technologies Corp

SF2442BA02648S Datasheet PDF - API Technologies Corp
Part # SF2442BA02648S
Download  SF2442BA02648S Download
File Size   262.17 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 2441.8 MHz SAW Filter 120.5 MHz Bandwidth

SF2442BA02648S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2442BA02648S Datasheet PDF - API Technologies Corp

Part # SF2442BA02648S
Download  SF2442BA02648S Click to download

File Size   262.17 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 2441.8 MHz SAW Filter 120.5 MHz Bandwidth

SF2442BA02648S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF2442BA02648S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF2442BA02648S SPECTRUM-SF2442BA02648S Datasheet
262Kb / 3P
2441.8 MHz SAW Filter 120.5 MHz Bandwidth
More results


Similar Description - SF2442BA02648S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855916 TRIQUINT-855916 Datasheet
493Kb / 5P
2441.8 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223A TAI-SAW-TA0223A Datasheet
544Kb / 8P
SAW Filter 2441.8 MHz for Bluetooth
TA0532A TAI-SAW-TA0532A Datasheet
412Kb / 6P
SAW Filter 2441.8 MHz SMD 3X3 mm
logo
RF Monolithics, Inc
SF2124E RFM-SF2124E Datasheet
918Kb / 5P
2441.8 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF2442BA02648S SPECTRUM-SF2442BA02648S Datasheet
262Kb / 3P
2441.8 MHz SAW Filter 120.5 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2124E MURATA-SF2124E Datasheet
317Kb / 5P
2441.8 MHz SAW Filter
logo
TriQuint Semiconductor
855916 TRIQUINT-855916_15 Datasheet
363Kb / 6P
2441.8 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223B TAI-SAW-TA0223B Datasheet
412Kb / 9P
SAW Filter 2441.8 MHz for Bluetooth
TA0223C TAI-SAW-TA0223C Datasheet
259Kb / 8P
SAW Filter 2441.8 MHz for Bluetooth
TA0223D TAI-SAW-TA0223D Datasheet
222Kb / 7P
SAW Filter 2441.8 MHz 83.5MHz SMD 3.0X3.0 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com